Electronic Components Datasheet Search
  English  ▼

X  

305C21 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 305C21
Description  PTCR Motor Start Packages PSC Single Phase Motor Start Assist
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

305C21 Datasheet(HTML) 2 Page - Vishay Siliconix

  305C21 Datasheet HTML 1Page - Vishay Siliconix 305C21 Datasheet HTML 2Page - Vishay Siliconix 305C21 Datasheet HTML 3Page - Vishay Siliconix 305C21 Datasheet HTML 4Page - Vishay Siliconix 305C21 Datasheet HTML 5Page - Vishay Siliconix 305C21 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
4
305C Series
Vishay Cera-Mite
ceramite.support@vishay.com
Document Number: 23086
Revision 14-May-02
The use of a PTCR start assist insures sufficient acceleration
torque to overcome not only breakaway friction, but also
parasitic asynchronous torques associated with the 5th and
7th motor harmonics or lamination slot harmonics.
ACCELERATION TIME CONSIDERATIONS
The time to accelerate a rotating machine is:
RPM x WK
2 (lb ft2)
Accelerating Time (Seconds) =
Avg. Torque (lb ft) x 308
(Avg. Torque = Curve B - Curve A)
1. If (Curve B - Curve A) is zero or less, the motor may stall.
2. In calculating torque available from Curve B, allowance
should be made for cusps in the torque curve due
to harmonics. The time needed to accelerate from rest
to 1/2 speed is critical, as the average torque available
in this region is limited. Select a PTCR with sufficient
switching time (t) to accelerate the compressor.
3. Scroll and rotary compressors may have less breakaway
torque than shown.
4. A compressor with no equalization may require over
100% starting torqe and time as long as several seconds.
PTCR starters not recommended.
Fig T-4
Fig T-6
Simplified Voltage Diagram of the PSC Motor at Operating
Speed
*IA (auxiliary current) leads IM (main current)
by 80° to 90° when C (run capacitor) is
chosen for balanced operation at 3/4 to
full load. Line Power Factor = sine 2
θ
Fig T-5
PTCR Motor Start Packages
HP x 746
IL (run) =
IL (start) ≈ 6 x IL run
VM x pf x eff
For running conditions:
IL
If Vaux = VM, then IM and Iaux =
√2
I
L
VM
VM
If Vaux ≠ VM, then Iaux =
x
and Zaux =
√2
Vaux
Iaux
For the greatest starting torque, PTCR should be chosen to make:
VM x IM = Vaux x Iaux. In many cases the auxiliary Volt-
Amperes are limited to about 50% of the main winding
Volt-Amperes to get 50% - 70% rated torque.
Then at start, with PTCR in series: Z'aux = RPTCR + Zaux
VM
IR start through PTCR =
Z'aux
VM
1
IC start through Run Cap =
; Xc =
ohms
Xc
2
πfC
Iaux start = IR start + IC start
If Zaux is low impedance, less than 10% of RPTCR
then it can be ignored and IPTCR at start = VM
RPTCR
This closely approximates the condition for motors over 1/2 HP.
START AND ACCELERATION TORQUES
SINGLE PHASE PSC HIGH EFFICIENCY COMPRESSORS
CONSIDERATIONS FOR CURRENT IN PTCR
APPROXIMATE EQUIVALENT CIRCUIT PSC MOTOR AT ZERO SPEED
100
75
50
25
0
5th
7th
Slot
100
200
A2
A1
B1
B 2
Line Voltage VM
Iaux
IM
Ic
RM *
XM *
L 2
C
PTCR
Xaux
Raux
*R and X are total of stator and rotor
Vaux
L 1
IL
IR
CURVE B2
Motor speed
versus torque
with run cap
and PTCR
CURVE B1
Motor speed
versus torque
with run cap
only
CURVE A2
Torque req’d to
accelerate
compressor at
partial differential
pressure
CURVE A1
Torque req’d
to accelerate
unloaded
compressor
Cold Breakaway Torque
Percent Rated Torque
Full Load
Operating Point
Possible Region of
Harmonic Torques
max.
Torque
VA
θ
IA
IM
VM
Applied
Voltage
V PTCR
=
V C
=
I A
C
θ
∗
∗



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com