Electronic Components Datasheet Search
  English  ▼

X  

UP1536FDDA Datasheet(PDF) 3 Page - uPI Group Inc.

Part # UP1536FDDA
Description  Synchronous-Rectified Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1536FDDA Datasheet(HTML) 3 Page - uPI Group Inc.

  UP1536FDDA Datasheet HTML 1Page - uPI Group Inc. UP1536FDDA Datasheet HTML 2Page - uPI Group Inc. UP1536FDDA Datasheet HTML 3Page - uPI Group Inc. UP1536FDDA Datasheet HTML 4Page - uPI Group Inc. UP1536FDDA Datasheet HTML 5Page - uPI Group Inc. UP1536FDDA Datasheet HTML 6Page - uPI Group Inc. UP1536FDDA Datasheet HTML 7Page - uPI Group Inc. UP1536FDDA Datasheet HTML 8Page - uPI Group Inc. UP1536FDDA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
uP1536
3
uP1536-DS-P0300, Jul. 2016
www.upi-semi.com
GND
LGATE
UGATE
BOOT
VCC
FB
POK
PHASE
±10%
of Vref
Enable Logic
POR
Gate
Control
Logic
VCC
OCP
Ramp
VOCP
±25%
of Vref
Vref
Soft-Start
POK
OV and UV
Vref
TP
On Time
Calculation
1 Shot
EN
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com