Electronic Components Datasheet Search
  English  ▼

X  

UP1536FDDA Datasheet(PDF) 4 Page - uPI Group Inc.

Part # UP1536FDDA
Description  Synchronous-Rectified Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1536FDDA Datasheet(HTML) 4 Page - uPI Group Inc.

  UP1536FDDA Datasheet HTML 1Page - uPI Group Inc. UP1536FDDA Datasheet HTML 2Page - uPI Group Inc. UP1536FDDA Datasheet HTML 3Page - uPI Group Inc. UP1536FDDA Datasheet HTML 4Page - uPI Group Inc. UP1536FDDA Datasheet HTML 5Page - uPI Group Inc. UP1536FDDA Datasheet HTML 6Page - uPI Group Inc. UP1536FDDA Datasheet HTML 7Page - uPI Group Inc. UP1536FDDA Datasheet HTML 8Page - uPI Group Inc. UP1536FDDA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
uP1536
4
uP1536-DS-P0300, Jul. 2016
www.upi-semi.com
Functional Description
Supply Voltage
The VCC pin receives a well-decoupled 4.5V to 13.2V
supply voltage to power the control circuit, the lower gate
driver and the bootstrap circuit for the higher gate driver.
A minimum 1uF ceramic capacitor is recommended to
bypass the supply voltage. Place the bypassing capacitor
physically near the IC.
The uP1536 integrates MOSFET gate drives that are
powered from the VCC pin and support 12V + 12V and
5V + 19V driving capability.
Power On Reset and Chip Enable
A power on reset (POR) circuitry continuously monitors
the supply voltage at VCC pin. Once the rising POR
threshold is exceeded, the uP1536 is reset and preparing
the PWM for operation.
The rising POR threshold is typically 4.2V at VCC rising.
The EN pin allows for power sequencing between the
controller bias voltage and another voltage rail. The
uP1536 remains in shutdown if the EN pin is pulled “Lo”.
When EN pin rises above the V
ENABLE trip point, the uP1536
will begin a new initialization and soft-start cycle.
Disable
Enable
GND
EN
FB
Roffset
Rfb
Rb
Cb
VOUT
Figure 1.
Soft-Start
A built-in soft-start is used to prevent surge current from
power supply input during turn on (referring to the
Functional Block Diagram).
The error amplifier is a three-input device. Reference
voltage (V
REF) or the internal soft-start voltage (VSS)
whichever is smaller dominates the behavior of the non-
inverting input of the error amplifier.
V
SS internally ramps up to VCC after the soft-start cycle is
initiated. The ramp is created digitally with numerous small
discrete steps. Each step is with about 10mV incremental.
Accordingly, the output voltage traces the V
SS signal and
ramps up smoothly to its target level. Reference voltage
V
REF takes over behavior of the error amplifier after VSS >
V
REF. The rise time of output voltage is about 2ms for
uP1536.
Power Input Detection
The uP1536 detects PHASE voltage for the present of
power input when the UGATE trigger minimum pulse in
the beginning. If the PHASE voltage does not exceed 1.5V
during the UGATE on, the uP1536 asserts that power input
is not ready and stops the soft-start cycle. However, the
internal SS continues ramping up to VCC. After that,
another soft-start is initiated. The hiccup period is about
2ms.
Output Voltage Selection
The lower limitation of output voltage is caused by the
internal reference.
The upper limitation of the output voltage is caused by
the maximum available duty cycle (Considering the
maximum duty by minimum off time).
This is to leave enough time for over current detection.
Output voltage out of this range is not allowed.
A voltage divider sets the output voltage (refer to the
Typical Application Circuit on page 6 for detail).
In real applications, choose R
FB in 1k
Ω
~ 10kΩ range and
choose appropriate Rocset according to the desired output
voltage.
Power OK Indication
The POK is an open-drain output pin to indicate the output
voltage status. It is set high-impedance after soft-start end
and no fault occurs.
Ultrasonic Mode (USM) Operation
The uP1536Q features ultrasonic mode operation that
maintains minimum switching frequency higher than
30kHz and out of audio frequency band. This eliminates
the audio noise that may occur in pulse skipping mode at
very light load condition. In USM, the lower MOSFET turns
on to induce a negative inductor current and discharge
the output capacitor if the switching frequency is lower
than 30kHz. The control loop will initiate an on-time to turn
on upper MOSFET depends on internal COMP. When the
on-time operation expires, the controller re-enables the
lower MOSFET until the inductor current drops below the
zero-crossing threshold.
Over current Protection (OCP)
The uP1536 detects voltage drop across the lower
MOSFET (V
PHASE) for over current protection when it is
turned on. If V
PHASE is continuously lower than the OCP
threshold (200mV typ.) for two clocks, the uP1536 asserts
OCP and shuts down. During OCP, both UGATE and
LGATE are latched “Lo”. It could be reset by POR or
toggling the EN pin. The OCP current can be calculated
according the on-resistance of the lower MOSFET used.
)
ON
(
DS
OCP
OCP
R
V
I
=
Inductor current ripple should be taken into consideration.
The current near the valley of the ripple current is used
for OCP, resulting the averaged OCP level a little higher
than the calculated value.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com