Electronic Components Datasheet Search
  English  ▼

X  

UP1536FDDA Datasheet(PDF) 9 Page - uPI Group Inc.

Part # UP1536FDDA
Description  Synchronous-Rectified Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1536FDDA Datasheet(HTML) 9 Page - uPI Group Inc.

Back Button UP1536FDDA Datasheet HTML 2Page - uPI Group Inc. UP1536FDDA Datasheet HTML 3Page - uPI Group Inc. UP1536FDDA Datasheet HTML 4Page - uPI Group Inc. UP1536FDDA Datasheet HTML 5Page - uPI Group Inc. UP1536FDDA Datasheet HTML 6Page - uPI Group Inc. UP1536FDDA Datasheet HTML 7Page - uPI Group Inc. UP1536FDDA Datasheet HTML 8Page - uPI Group Inc. UP1536FDDA Datasheet HTML 9Page - uPI Group Inc. UP1536FDDA Datasheet HTML 10Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
uP1536
9
uP1536-DS-P0300, Jul. 2016
www.upi-semi.com
Package Information
WDFN3x3 - 10L
Note
1.Package Outline Unit Description:
BSC: Basic. Represents theoretical exact dimension or dimension target
MIN: Minimum dimension specified.
MAX: Maximum dimension specified.
REF: Reference. Represents dimension for reference use only. This value is not a device specification.
TYP. Typical. Provided as a general value. This value is not a device specification.
2.Dimensions in Millimeters.
3.Drawing not to scale.
4.These dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15mm.
1
5
6
10
0.18 - 0.30
0.50 BSC
2.90 - 3.10
0.30 - 0.50
2.20 - 2.70
0.00 - 0.05
0.20 REF
0.70 - 0.80



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com