Electronic Components Datasheet Search
  English  ▼

X  

UP9504 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP9504
Description  Phase Driver Embedded PWM Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9504 Datasheet(HTML) 2 Page - uPI Group Inc.

  UP9504 Datasheet HTML 1Page - uPI Group Inc. UP9504 Datasheet HTML 2Page - uPI Group Inc. UP9504 Datasheet HTML 3Page - uPI Group Inc. UP9504 Datasheet HTML 4Page - uPI Group Inc. UP9504 Datasheet HTML 5Page - uPI Group Inc. UP9504 Datasheet HTML 6Page - uPI Group Inc. UP9504 Datasheet HTML 7Page - uPI Group Inc. UP9504 Datasheet HTML 8Page - uPI Group Inc. UP9504 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
uP9504
2
uP9504-DS-F0000, May 2017
www.upi-semi.com
Typical Application Circuit
4+2 Phase Application
PWM3
BOOT2
BOOT1
VIN
VDD
UG1
PH1
LG1
UG2
PH2
LG2
BOOT
GND
PWM
EN
VCC
PH
LG
UG
uP1962
VDD_1
VDD_2
VDD_3
CSP
CSN
VDD_3
VDD_2
VDD_1
FB
COMP
VDD_SENSE
FBRTN
VSS_SENSE
DAC
EAP
PWM4
VDD_4
CSP1
CSN1
PH1
VDD_1
CSP2
CSN2
PH2
VDD_2
CSP3
CSN3
PH3
VDD_3
CSP4
CSN4
PH4
VDD_4
VDD_4
CSPA
CSNA
CSP1A
CSN1A
EAPA
DACA
COMPA
FBA
VDDA_SENSE
VSSA_SENSE
PWM1A
BOOT
GND
PWM
EN
VCC
PH
LG
UG
uP1962
VDDA_1
PWM2A
VDDA_2
uP1962
PH1A
VDDA_1
PH2A
VDDA_2
CSP2A
CSN2A
VDDA_2
VDDA_1
VDDA
VIN
BOOT
GND
PWM
EN
VCC
PH
LG
UG
SCL
SDA
BOOT
GND
PWM
EN
VCC
PH
LG
UG
uP1962
FBRTNA
12V
VCC12
TPA
VCC5
IMON
IMONA
TONSET
TSENA
PROG
TP
GND
TSEN
POKA
SVC
SVT
SVD
POK
EN
PWROK
VDDIO
VINSEN
VRHOT#
VIN
VCC5
0.1uF
0.1uF
0.1uF
1uF
0.1uF
0.1uF
SVC
SVD
SVT
12V
12V
12V
12V
PH1A
PH2A
PH1
PH2
PH3
PH4
5V
59
60
55
54
57
56
53
52
6
4
3
2
1
36
5
17
18
61
14
24
13
22
21
20
16
8
7
9
10
15
41
31
19
58
11
12
28
27
26
25
23
51
50
49
48
47
46
45
44
43
42
29
30
35
34
33
32
37
38
39
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com