Electronic Components Datasheet Search
  English  ▼

X  

UP9504 Datasheet(PDF) 12 Page - uPI Group Inc.

Part # UP9504
Description  Phase Driver Embedded PWM Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9504 Datasheet(HTML) 12 Page - uPI Group Inc.

Back Button UP9504 Datasheet HTML 8Page - uPI Group Inc. UP9504 Datasheet HTML 9Page - uPI Group Inc. UP9504 Datasheet HTML 10Page - uPI Group Inc. UP9504 Datasheet HTML 11Page - uPI Group Inc. UP9504 Datasheet HTML 12Page - uPI Group Inc. UP9504 Datasheet HTML 13Page - uPI Group Inc. UP9504 Datasheet HTML 14Page - uPI Group Inc. UP9504 Datasheet HTML 15Page - uPI Group Inc. UP9504 Datasheet HTML 16Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
uP9504
12
uP9504-DS-F0000, May 2017
www.upi-semi.com
Functional Description
n
o
i
t
a
r
u
g
i
f
n
o
C
d
e
t
r
o
p
p
u
S
n
o
i
t
a
r
e
p
O
e
s
a
h
P
r
e
b
m
u
N
t
e
g
r
a
T
o
t
w
o
L
l
l
u
P
/
h
g
i
H
l
l
u
P
,
n
o
i
t
c
e
n
n
o
c
n
i
P
A
P
S
CA
N
S
C4
P
S
C4
N
S
C3
P
S
C3
N
S
C2
P
S
C2
N
S
C
A
2
P
S
CA
2
N
S
CA
1
P
S
CA
1
N
S
C
e
s
a
h
P
-
2
+
4
2
+
4-
--
--
--
--
--
--
--
--
--
--
--
-
1
+
5-
--
--
--
--
--
--
--
--
--
-
)
5
e
t
o
N
(
5
C
C
V
0
+
6D
N
G5
C
C
V-
--
--
--
--
--
--
--
--
--
-
2
+
3D
N
G5
C
C
V-
--
--
--
--
--
--
--
-
0
+
5D
N
G5
C
C
V-
--
--
--
--
--
--
--
-D
N
G5
C
C
V
1
+
4-
--
--
--
--
--
--
--
-D
N
G5
C
C
V-
--
-
0
+
4D
N
G5
C
C
V-
--
--
--
--
--
-D
N
G5
C
C
VD
N
G5
C
C
V
1
+
3-
--
-D
N
G5
C
C
V-
--
--
--
-D
N
G5
C
C
V-
--
-
2
+
2-
--
-D
N
G5
C
C
VD
N
G5
C
C
V-
--
--
--
--
--
-
0
+
3D
N
G5
C
C
VD
N
G5
C
C
V-
--
--
--
-D
N
G5
C
C
VD
N
G5
C
C
V
1
+
2-
--
-D
N
G5
C
C
VD
N
G5
C
C
V-
--
-D
N
G5
C
C
V-
--
-
0
+
2D
N
G5
C
C
VD
N
G5
C
C
VD
N
G5
C
C
V-
--
-D
N
G5
C
C
VD
N
G5
C
C
V
1
+
1-
--
-D
N
G5
C
C
VD
N
G5
C
C
VD
N
G5
C
C
VD
N
G5
C
C
V-
--
-
0
+
1D
N
G5
C
C
VD
N
G5
C
C
VD
N
G5
C
C
VD
N
G5
C
C
VD
N
G5
C
C
VD
N
G5
C
C
V
.
n
o
i
t
c
e
n
n
o
c
l
a
m
r
o
n
s
e
t
o
n
e
d
"
-
-
"
.
1
e
t
o
N
k
1
e
s
U
.
2
e
t
o
N
Ω
5
C
C
V
o
t
p
u
-
ll
u
p
n
e
h
w
r
o
t
s
i
s
e
r
p
u
ll
u
p
e
s
a
h
p
o
r
e
z
n
i
l
i
a
r
A
D
D
V
f
o
n
o
i
t
c
n
u
f
e
l
b
a
s
i
d
e
s
a
h
p
g
n
i
s
u
n
e
h
w
n
o
i
t
c
e
n
n
o
c
A
N
S
C
e
h
t
o
t
n
o
i
t
n
e
t
t
a
y
a
P
.
3
e
t
o
N
.
n
o
i
t
a
r
u
g
i
f
n
o
c
n
o
i
t
c
e
n
n
o
c
n
w
o
d
/
p
u
ll
u
p
n
i
p
t
c
e
r
r
o
c
n
i
d
n
a
g
n
i
t
t
e
s
G
O
R
P
t
c
e
r
r
o
c
n
I
.
e
l
b
a
s
i
d
e
s
a
h
p
r
o
f
e
l
b
a
t
e
h
t
w
o
ll
o
f
y
l
t
c
i
r
t
S
.
4
e
t
o
N
.
p
u
-
t
r
a
t
s
g
n
i
r
u
d
t
l
u
a
f
c
i
h
p
o
r
t
s
a
t
a
c
e
s
u
a
c
ll
i
w
.
n
o
i
t
c
e
n
n
o
c
l
a
m
r
o
n
n
i
e
b
d
l
u
o
h
s
A
1
P
S
C
,
n
o
i
t
a
r
e
p
o
e
s
a
h
p
1
+
5
r
o
F
.
5
e
t
o
N
Table 4. Operation Phase Number Setting
PWM On-Time Setting
The PWM on-time is set by an external resistor R
TON
connected between TONSET pin and GND. The controller
senses VINSEN voltage to obtain input voltage information
for PWM on-time calculation. Both the VDD rail and VDDA
rail share the same PWM on-time setting. The PWM on
time can be calculated as below equation.
100
×
×
⎟
⎠
⎞
⎜
⎝
⎛
=
TON
IN
OUT
ON
R
V
V
T
where T
ON is in ns, RTON is in kΩ.
Table 5 lists the switching frequency and the recommended
resistor R
TON value (with condition: VIN = 12V, VOUT = 1.2V).
For example, given V
IN = 12V, VOUT = 1.2V, RTON = 49.9kΩ,
T
ON is about 500ns by above equation. The PWM frequency
is about 200kHz. Note that the resistance value of R
TON
value must be greater than 10k
Ω to ensure the PWM on
time calculation circuit in normal operation.
Table 5. Switching Frequency and Resistor R
TON
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
S
)
z
H
k
(
R
r
o
t
s
i
s
e
R
d
e
d
n
e
m
m
o
c
e
R
N
O
T
k
(
Ω)
0
0
29
.
9
4
0
0
33
3
0
0
49
.
4
2
0
0
50
2
0
0
66
1
R
r
o
t
s
i
s
e
r
f
o
m
u
m
i
n
i
m
e
h
T
:
e
t
o
N
N
O
T
k
0
1
s
i
e
u
l
a
v
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com