Electronic Components Datasheet Search
  English  ▼

X  

UP9504 Datasheet(PDF) 39 Page - uPI Group Inc.

Part # UP9504
Description  Phase Driver Embedded PWM Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9504 Datasheet(HTML) 39 Page - uPI Group Inc.

Back Button UP9504 Datasheet HTML 33Page - uPI Group Inc. UP9504 Datasheet HTML 34Page - uPI Group Inc. UP9504 Datasheet HTML 35Page - uPI Group Inc. UP9504 Datasheet HTML 36Page - uPI Group Inc. UP9504 Datasheet HTML 37Page - uPI Group Inc. UP9504 Datasheet HTML 38Page - uPI Group Inc. UP9504 Datasheet HTML 39Page - uPI Group Inc. UP9504 Datasheet HTML 40Page - uPI Group Inc. UP9504 Datasheet HTML 41Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
uP9504
39
uP9504-DS-F0000, May 2017
www.upi-semi.com
UGATE1A
(20V/Div)
VDDA (1V/Div)
POKA (5V/Div)
IOUT (50A/Div)
UGATE1A (20V/Div)
VFBA (1V/Div)
POKA
(5V/Div)
LGATE1A (10V/Div)
VDDA (100mV/Div)
SVC (2V/Div)
VDDA (500mV/Div)
SVT (2V/Div)
SVD (2V/Div)
VDDA VR Dynamic VID Up
Time : 10us/Div
VID = 1V to 1.4V, I
LOAD = 20.5A
Typical Operation Characteristics
VDDA VR Load Transient
Time : 10us/Div
F
LOAD = 10kHz, VDDA = 1V, ILOAD = 20A ~ 60A
VDDA VR OVP
Time : 4us/Div
VDDA VR OCP
Time : 200us/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com