Electronic Components Datasheet Search
  English  ▼

X  

40EPS16 Datasheet(PDF) 3 Page - International Rectifier

Part # 40EPS16
Description  INPUT RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40EPS16 Datasheet(HTML) 3 Page - International Rectifier

  40EPS16 Datasheet HTML 1Page - International Rectifier 40EPS16 Datasheet HTML 2Page - International Rectifier 40EPS16 Datasheet HTML 3Page - International Rectifier 40EPS16 Datasheet HTML 4Page - International Rectifier 40EPS16 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
40EPS16 SAFE
IR Series
Bulletin I2160 10/01
www.irf.com
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 5 - Forward Voltage Drop Characteristics
InstantaneousForwardVoltage(V)
Average Forward Curren t (A)
95
100
105
110
115
120
125
130
135
140
145
150
0
5
10 15 20 25 30 35 40 45
30˚
60˚
90˚
120˚
180˚
Conduction Angle
40EPS16
RthJC (DC) = 0.6 K/W
Average Forward Curren t (A)
Average Forward Curren t (A)
Average Forward Curren t (A)
Pulse Train Duration (s)
100
110
120
130
140
150
0
10
2030
40506070
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
40EPS16
RthJC (DC) = 0.6 K/W
0
5
10
15
20
25
30
35
40
45
50
55
60
0
5
10
15
20
25
30
35
40
RMS Limit
Conduction Angle
180˚
120˚
90˚
60˚
30˚
40EPS16
Tj = 150˚C
0
10
20
30
40
50
60
70
80
0
10203040506070
DC
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Period
40EPS16
Tj = 150˚C
1
10
100
1000
0.5
1.5
2.5
Tj = 25˚C
Tj = 150˚C
40EPS16
100
150
200
250
300
350
400
450
500
0.01
0.1
1
Maximum Non Repetitive Surge Current
40EPS16
Initial Tj = 150 ˚C
No Voltage Reapplied
Rated Vrrm Reapplied
Versus Pulse Train Duration.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com