Electronic Components Datasheet Search
  English  ▼

X  

40EPS16 Datasheet(PDF) 5 Page - International Rectifier

Part # 40EPS16
Description  INPUT RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40EPS16 Datasheet(HTML) 5 Page - International Rectifier

  40EPS16 Datasheet HTML 1Page - International Rectifier 40EPS16 Datasheet HTML 2Page - International Rectifier 40EPS16 Datasheet HTML 3Page - International Rectifier 40EPS16 Datasheet HTML 4Page - International Rectifier 40EPS16 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
40EPS16 SAFE
IR Series
Bulletin I2160 10/01
www.irf.com
40EPS16
56
57
035H
EXAMPLE: THIS IS A 40EPS16
PART NUMBER
LOGO
RECTIFIER
INTERNATIONAL
ASSEMBLY
LOT CODE
LINE H
WEEK 35
YEAR 0 = 2000
DATE CODE
WITH ASSEMBLY
LOT CODE 5657
ASSEMBLED ON WW 35, 2000
IN THE ASSEMBLY LINE "H"
Ordering Information Table
40
E
P
S
16
Device Code
1
5
24
3
1
-
Current Rating
2
-
Circuit Configuration
E = Single Diode
3
-
Package
P = TO-247AC (Modified)
4
-
Type of Silicon
S = Standard Recovery Rectifier
5
-
Voltage code: Code x 100 = V
RRM (*)
16 = 1600V
1
CATHODE
ANODE
3
2
BASE
CATHODE
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 10/01
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.
Marking Information
(*) Contact Factory



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com