Electronic Components Datasheet Search
  English  ▼

X  

40EPS16 Datasheet(PDF) 1 Page - International Rectifier

Part # 40EPS16
Description  INPUT RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40EPS16 Datasheet(HTML) 1 Page - International Rectifier

  40EPS16 Datasheet HTML 1Page - International Rectifier 40EPS16 Datasheet HTML 2Page - International Rectifier 40EPS16 Datasheet HTML 3Page - International Rectifier 40EPS16 Datasheet HTML 4Page - International Rectifier 40EPS16 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
I
F(AV) Sinusoidal
waveform
V
RRM Range (*)
1600
V
I
FSM
475
A
V
F
@20A, T
J = 25°C
1.0
V
T
J
- 40 to 150
°C
Characteristics
40EPS..
Units
40
A
Major Ratings and Characteristics
TO-247AC (Modified)
Description/Features
The 40EPS16 rectifier
SAFE
IR serieshasbeenoptimized
for very low forward voltage drop, with moderate leakage.
The glass passivation technology used has reliable opera-
tion up to 150° C junction temperature.
Typical applications are in input rectification and these
products are designed to be used with International
Rectifier Switches and Output Rectifiers which are available
in identical package outlines.
Package Outline
INPUT RECTIFIER DIODE
1
Bulletin I2160 10/01
V
F
< 1V @ 20A
I
FSM = 475A
V
RRM = 1600V
SAFE
IR Series
40EPS16
www.irf.com
(*)ContactFactory


Similar Part No. - 40EPS16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40EPS16 IRF-40EPS16 Datasheet
141Kb / 5P
INPUT RECTIFIER DIODE Lead-Free
logo
Vishay Siliconix
40EPS16 VISHAY-40EPS16 Datasheet
143Kb / 6P
Input Rectifier Diode, 40 A
23-Apr-08
logo
Inchange Semiconductor ...
40EPS16 ISC-40EPS16 Datasheet
283Kb / 2P
Input Rectifier Diode
logo
International Rectifier
40EPS16PBF IRF-40EPS16PBF Datasheet
141Kb / 5P
INPUT RECTIFIER DIODE Lead-Free
logo
Vishay Siliconix
40EPS16PBF VISHAY-40EPS16PBF Datasheet
143Kb / 6P
Input Rectifier Diode, 40 A
23-Apr-08
More results

Similar Description - 40EPS16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS IRF-10ETS Datasheet
70Kb / 5P
INPUT RECTIFIER DIODE
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
INPUT RECTIFIER DIODE
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
INPUT RECTIFIER DIODE
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
Input Rectifier Diode
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
Input Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com