Electronic Components Datasheet Search
  English  ▼

X  

MSM514262 Datasheet(PDF) 39 Page - OKI electronic componets

Part # MSM514262
Description  262,144-Word x 4-Bit Multiport DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514262 Datasheet(HTML) 39 Page - OKI electronic componets

Back Button MSM514262 Datasheet HTML 35Page - OKI electronic componets MSM514262 Datasheet HTML 36Page - OKI electronic componets MSM514262 Datasheet HTML 37Page - OKI electronic componets MSM514262 Datasheet HTML 38Page - OKI electronic componets MSM514262 Datasheet HTML 39Page - OKI electronic componets MSM514262 Datasheet HTML 40Page - OKI electronic componets MSM514262 Datasheet HTML 41Page - OKI electronic componets MSM514262 Datasheet HTML 42Page - OKI electronic componets MSM514262 Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
¡ Semiconductor
MSM514262
39/45
SAM PORT OPERATION
Single Register Mode
High speed serial read or write operation can be reformed through the SAM port independent
of the RAM port operation, except during read/write transfer cycles. The preceding transfer
operation determines the direction of data flow through the SAM port. If the preceding transfer
is a read transfer, the SAM port is in the output mode. If the preceding transfer is write or pseudo
write transfer, the SAM port is in the input mode. The pseudo write transfer only switches the
SAM port from output mode into mode (Data is not transferred from SAM port to RAM port).
Serial data can be read out of the SAM after a read transfer has been performed. The data is
shifted out to the SAM starting at any of the 512 bits locations.
The TAP location corresponds to the column address selected at the falling edge of CAS during
the read or write transfer cycle. The SAM registers are configured as circular data register. The
data is shifted out sequentially starting from the selected TAP location to the most significant
bit (511) and then wraps around to the least significant bit (0).
Split Register Mode
In split register mode, data can be shifted into or out of one half of the SAM while a split read
or split write transfer is being performed on the other half of the SAM.
Conventional (non split) read, write, or pseudo write transfer cycle must precede any split read
or split write transfers. The split read and write transfers will not change the SAM port mode
set by preceding conventional transfer operation. In the split register mode, serial data can be
shifted in or out of the split SAM registers starting from any at the 256 TAP locations, excluding
the last address of each split SAM, data is shifted in or out sequentially starting from the selected
TAP location to the most significant bit (255 or 511) of the first split SAM and, then the SAM
pointer moves to the TAP location selected for the second split SAM to shift data in or out
sequentially starting from this TAP location to the most significant bit (511 or 255) and finally
wraps around to the least significant bit.
0
1
2
255
256
511
TAP
257
TAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com