Electronic Components Datasheet Search
  English  ▼

X  

MSM514262 Datasheet(PDF) 40 Page - OKI electronic componets

Part # MSM514262
Description  262,144-Word x 4-Bit Multiport DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514262 Datasheet(HTML) 40 Page - OKI electronic componets

Back Button MSM514262 Datasheet HTML 36Page - OKI electronic componets MSM514262 Datasheet HTML 37Page - OKI electronic componets MSM514262 Datasheet HTML 38Page - OKI electronic componets MSM514262 Datasheet HTML 39Page - OKI electronic componets MSM514262 Datasheet HTML 40Page - OKI electronic componets MSM514262 Datasheet HTML 41Page - OKI electronic componets MSM514262 Datasheet HTML 42Page - OKI electronic componets MSM514262 Datasheet HTML 43Page - OKI electronic componets MSM514262 Datasheet HTML 44Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
¡ Semiconductor
MSM514262
40/45
DATA TRANSFER OPERATION
The MSM514262 features two types of bidirectional data transfer capability between RAM and
SAM, as shown in Figure 1 below.
1)
Conventional (non split) transfer : 512 words by 4 bits of data can be loaded from RAM
to SAM (Read transfer) or from SAM to RAM (Write transfer).
2)
Split transfer : 256 words by 4 bits of data can be loaded from the lower/upper half of the
RAM to the lower/upper half of the SAM (Split read transfer) or from the lower/upper half
of SAM to the lower/upper half of RAM (Split write transfer).
The conventional transfer and split transfer modes are controlled by the DSF input signal.
512 ¥ 512 ¥ 4
Memory
Array
512 ¥ 4
512 ¥ 256 ¥ 4
Memory
Array
256 ¥ 4
512 ¥ 256 ¥ 4
Memory
Array
256 ¥ 4
1) Conventional Transfer
2) Split Transfer
Figure 1.
The MSM514262 supports five types of transfer operation : Read transfer , Split read transfer,
Write transfer, Pseudo write transfer and Split write transfer as shown in truth table. Data
transfer are invoked by holding the DT/OE signal “low” at the falling edge of RAS. The type
of transfer operation is determined by the state of CAS, WB/WE, SE and DSF latched at the
falling edge of RAS. During conventional transfer operations, the SAM port is switched from
input to output mode (Read transfer) or output to input mode (Write/Pseudo write transfer)
Whereas it remains unchanged during split transfer operation (Split read transfer or Split write
transfer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com