Electronic Components Datasheet Search
  English  ▼

X  

MSM514262 Datasheet(PDF) 42 Page - OKI electronic componets

Part # MSM514262
Description  262,144-Word x 4-Bit Multiport DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514262 Datasheet(HTML) 42 Page - OKI electronic componets

Back Button MSM514262 Datasheet HTML 37Page - OKI electronic componets MSM514262 Datasheet HTML 38Page - OKI electronic componets MSM514262 Datasheet HTML 39Page - OKI electronic componets MSM514262 Datasheet HTML 40Page - OKI electronic componets MSM514262 Datasheet HTML 41Page - OKI electronic componets MSM514262 Datasheet HTML 42Page - OKI electronic componets MSM514262 Datasheet HTML 43Page - OKI electronic componets MSM514262 Datasheet HTML 44Page - OKI electronic componets MSM514262 Datasheet HTML 45Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
¡ Semiconductor
MSM514262
42/45
Pseudo Write Transfer Operation
Pseudo write transfer cycle must be performed before loading data into the serial register after
a read transfer operation has been excuted. The only purpose of a pseudo write transfer is to
change the SAM port mode from output mode to input mode (A data transfer from SAM to
RAM does not occur). After the serial register is loaded with new data, a write transfer cycle
must be performed to transfer the data from SAM to RAM. A pseudo write transfer is invoked
by holding CAS “high”, DT/OE “low”, WB/WE “low”, SE “high” and DSF “low” at the falling
edge of RAS. The timing conditions are the same as the one for the write transfer cycle except
for the state of SE at the falling edge of RAS.
Split Data Transfer and QSF
The MSM514262 features a bidirectional split data transfer capability between the RAM and
SAM. During split data transfer operation, the serial register is split into two halves which can
be controlled independently. Split read or write transfer operation can be performed to or from
one half of the serial register while serial data can be shifted into or out of the other half of the
register. The most significant column address location (A8C) is controlled internally to
determine which half of the serial register will be reloaded from the RAM. QSF is an output in
which indicates which half of the serial resister is in an active state. QSF changes state when the
last SC clock is applied to active split SAM.
Split Read Transfer Operation
Split read transfer consists of loading 256 words by 4 bits of data from a selected row of the split
RAM into the corresponding non-active split SAM register. Serial data can be shifted out from
of the other half of the split SAM register simultaneously. During split read transfer operation,
the RAM port input clocks do not have to be synchronized with the serial clock SC, thus
eliminating timing restrictions as in the case of real time read transfers. A split read transfer can
be performed after a delay of tSTS, from the change of state of the QSF output, is satisfied.
Conventional (non-split) read transfer operation must precede split read transfer cycles.
Split Write Transfer Operation
Split write transfer consists of loading 256 words by 4 bits of data from the non-active split SAM
register into a selected row of the corresponding split RAM. Serial data can be shifted into the
other half of the split SAM register simultaneously. During split write transfer operation, the
RAM port input clocks do not have to be synchronized with the serial clock SC, thus allowing
for real time transfer. A split write transfer can be performed after a delay of tSTS, from the
change of state of the QSF output, is satisfied.
A pseudo write transfer operation must precede split write transfer. The purpose of the pseudo
write transfer operation is to switch the SAM port from output mode to input mode and to set
the initial TAP location prior to split write transfer operations.
Transfer Operation Without CAS
During all transfer cycles, the CAS clock must be cycled, so that the column addresses are
latched at the falling edge of CAS, to set the SAM TAP location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com