Electronic Components Datasheet Search
  English  ▼

X  

TMUX6136 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6136
Description  (-)16.5-V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6136 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX6136 Datasheet HTML 12Page - Texas Instruments TMUX6136 Datasheet HTML 13Page - Texas Instruments TMUX6136 Datasheet HTML 14Page - Texas Instruments TMUX6136 Datasheet HTML 15Page - Texas Instruments TMUX6136 Datasheet HTML 16Page - Texas Instruments TMUX6136 Datasheet HTML 17Page - Texas Instruments TMUX6136 Datasheet HTML 18Page - Texas Instruments TMUX6136 Datasheet HTML 19Page - Texas Instruments TMUX6136 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
2
1
V
Attenuation
20 Log
V
§
·
˜
¨
¸
©
¹
VDD
VDD
VSS
VSS
SEL
GND
VSEL
SA
D
SB
VS
50
Ÿ
Network Analyzer
VOUT
NC
50
Ÿ
OUT
S
V
Channel-to-Channel Crosstalk
20 Log
V
§
·
˜
¨
¸
©
¹
VDD
VDD
VSS
VSS
50
Ÿ
GND
S1A
D1
S1B
VS
Network Analyzer
50
Ÿ
50
Ÿ
SEL
VSEL
S2A
D2
S2B
50
Ÿ
VOUT
N.C.
N.C.
16
TMUX6136
SCDS397 – NOVEMBER 2018
www.ti.com
Product Folder Links: TMUX6136
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Overview (continued)
Figure 25. Inter-channel Crosstalk Measurement Setup
(3)
7.1.9 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by < 3 dB when the input is applied to the
source pin (Sx) of an on-channel, and the output is measured at the drain pin (D) of the TMUX6136. Figure 26
shows the setup used to measure bandwidth of the mux. Use Equation 4 to compute the attenuation.
Figure 26. Bandwidth Measurement Setup
(4)
7.1.10 THD + Noise
The total harmonic distortion (THD) of a signal is a measurement of the harmonic distortion, and is defined as the
ratio of the sum of the powers of all harmonic components to the power of the fundamental frequency at the mux
output. The on-resistance of the TMUX6136 varies with the amplitude of the input signal and results in distortion
when the drain pin is connected to a low-impedance load. Total harmonic distortion plus noise is denoted as
THD+N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com