Electronic Components Datasheet Search
  English  ▼

X  

TMUX6136 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6136
Description  (-)16.5-V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6136 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX6136 Datasheet HTML 9Page - Texas Instruments TMUX6136 Datasheet HTML 10Page - Texas Instruments TMUX6136 Datasheet HTML 11Page - Texas Instruments TMUX6136 Datasheet HTML 12Page - Texas Instruments TMUX6136 Datasheet HTML 13Page - Texas Instruments TMUX6136 Datasheet HTML 14Page - Texas Instruments TMUX6136 Datasheet HTML 15Page - Texas Instruments TMUX6136 Datasheet HTML 16Page - Texas Instruments TMUX6136 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
VDD
VDD
VSS
VSS
Output
300
Ÿ
35 pF
SEL
GND
VSEL
3 V
VSEL
0 V
50%
50%
tTRAN 1
tTRAN 2
0.1 VS
0.9 VS
Output
VS
VS
SB
SA
D
tr < 20 ns
tf < 20 ns
tTRAN = max ( tTRAN 1, tTRAN 2)
D
VD
S
A
ID (ON)
NC
NC = No Connection
13
TMUX6136
www.ti.com
SCDS397 – NOVEMBER 2018
Product Folder Links: TMUX6136
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Overview (continued)
7.1.3 On-Leakage Current
On-leakage current is defined as the leakage current that flows into or out of the drain pin when the switch is in
the on state. The source pin is left floating during the measurement. Figure 19 shows the circuit used for
measuring the on-leakage current, denoted by ID(ON).
Figure 19. On-Leakage Measurement Setup
7.1.4 Transition Time
Transition time is defined as the time taken by the output of the TMUX6136 to rise or fall to 90% of the transition
after the digital address signal has fallen or risen to 50% of the transition. Figure 20 shows the setup used to
measure transition time, denoted by the symbol tTRAN.
Figure 20. Transition-Time Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com