Electronic Components Datasheet Search
  English  ▼

X  

TMUX6136 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6136
Description  (-)16.5-V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6136 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX6136 Datasheet HTML 17Page - Texas Instruments TMUX6136 Datasheet HTML 18Page - Texas Instruments TMUX6136 Datasheet HTML 19Page - Texas Instruments TMUX6136 Datasheet HTML 20Page - Texas Instruments TMUX6136 Datasheet HTML 21Page - Texas Instruments TMUX6136 Datasheet HTML 22Page - Texas Instruments TMUX6136 Datasheet HTML 23Page - Texas Instruments TMUX6136 Datasheet HTML 24Page - Texas Instruments TMUX6136 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
DAC
+
±
+
±
ADC
+
±
Force
Amplifier
RSENSE
TMUX6136
DUT
B
B
A
A
Current
Sense
Amplifier
Voltage
Sense
Amplifier
Av
DAC
+
±
+
±
ADC
+
±
Force
Amplifier
RSENSE
TMUX6136
DUT
B
B
A
A
Current
Sense
Amplifier
Voltage
Sense
Amplifier
Av
21
TMUX6136
www.ti.com
SCDS397 – NOVEMBER 2018
Product Folder Links: TMUX6136
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
The goal of this design example is to simplify the FVMC and FCMV functions of a PMU design using a SPDT
switch. The FVMC configuration is useful to test a device being used as a power supply, or in continuity or
leakage testing. In this configuration, the input voltage is directly applied to the DUT pin, and the current into/ out
of the DUT pin is converted to a voltage by a sense resistor and measured by an analog to digital converter
(ADC). In the FCMV mode, an input current is forced to the DUT and the produced voltage on the DUT pin is
directly measured. In this example, the PMU design is required to meet the following specifications:
•
Force voltage range: –15 volts to +15 volts
•
Force current range: ±5 µA to ±50 mA
•
Measure voltage range: –15 volts to +15 volts
•
Measure current range: ±5 µA to ±50 mA
In additional to the voltage and current requirements, fast throughput is also a key requirements in ATE because
it relates directly to the cost of manufacturing the DUT.
8.2.2 Detailed Design Procedure
Figure 34. FVMC Implementation in PMU Using the
TMUX6136
Figure 35. FCMV Implementation in PMU Using the
TMUX6136
The FVMC and FCMV modes implementations can be combined with the use of a dual SPDT switch such as the
TMUX6136. Figure 34 and Figure 35 shows simplified diagrams of such implementations. In the FVMC mode,
the switch is toggled to position A and this allows the voltage sense amplifier to become part of the feedback
loop and the voltage output of the current sense amplifier to be sampled by the ADC. In the FCMV mode, the
switch is toggled to position B, and this allows the current sense amplifier to become part of the feedback loop
and the voltage output of the voltage sense amplifier to be sampled by the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com