Electronic Components Datasheet Search
  English  ▼

X  

TS19820CS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19820CS
Description  Single-Stage Power Factor Correction Dimmable LED Driver with 3.3V Voltage Regulator Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19820CS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19820CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TS19820CS
Taiwan Semiconductor
2
Version: A1806
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise specified)
(Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Power Supply Pin
VCC
40
V
DIM Voltage to GND
VRT
-0.3 to 5.5
V
OUT Voltage to GND
VOUT
-0.3 to 40
V
CS Voltage to GND
VCS
-0.3 to 5.5
V
ZCDX Voltage to GND
VZCDX
-0.3 to 40
V
LDO Voltage to GND
VLDO
-0.3 to 5.5
V
COM Voltage to GND
VCOM
-0.3 to 5.5
V
Operating Temperature Range
TOPR
-40 to 105
°C
Junction Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Lead Temperature (Soldering 10 sec)
TLEAD
260
°C
Power Dissipation @ TA=25 °C
PD
0.6
W
ESD Rating (Human Body Mode)
(Note 2)
HBM
2
kV
ESD Rating (Machine Mode)
MM
200
V
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Thermal Resistance - Junction to Case
RӨJC
50
°C/W
Thermal Resistance - Junction to Ambient
RӨJA
208
°C/W
RECOMMENDED OPERATING CONDITIONS (Note 3)
PARAMETER
SYMBOL
LIMIT
UNIT
Power Supply Pin
VCC
20
V
DIM Voltage to GND
VOTP
-0.3 to 5
V
OUT Voltage to GND
VOUT
-0.3 to 19
V
CS Voltage to GND
VCS
-0.3 to 5
V
COM Voltage to GND
VCOM
-0.3 to 5
V
ZCDX Voltage to GND
(Note 3)
VZCDX
3.5 to 20
V
Operating Junction Temperature Range
TJ
-40 to +125
°C
Operating Ambient Temperature Range
TOPA
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com