Electronic Components Datasheet Search
  English  ▼

X  

TS19820CS Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS19820CS
Description  Single-Stage Power Factor Correction Dimmable LED Driver with 3.3V Voltage Regulator Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19820CS Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19820CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TS19820CS
Taiwan Semiconductor
5
Version: A1806
PIN FUNCTION DESCRIPTION
CS pin:
CS pin provides the LED current feedback function, IOUT and RS formula as below
Where :
●
RS is the resistance
●
0.2 is a V reference for electric potential
●
IOUT is the current output
Also, CS pin provides over-current protection (OCP), over-current ICS (Limit) and RS formula as below:
Where :
●
ICS(Limit) is a current sense
●
1 is a voltage value for OCP
●
RS is the resistance
DIM pin:
Output current modulation dimming can be controlled from either PWM or linear analog signal input on a dedicated
pin. The linear dimming range is an analog voltage from 0V to 1.6V. The PWM dimming range is larger than 2.5V .
PWM dimming control is a function of the duty cycle of external PWM signal.
COM pin:
The most important design is compensation circuit for PFC control loop. It achieves high PFC and low total
harmonic distortion (THD) function. In order to remain VCOM is a constant value in every cycle we usually set the
bandwidth under 10Hz. We recommend using 1μF capacitor in typ. design. If the system specification comes with
higher output voltage or large output capacitor, ensure the VCC voltage above UVL(off) .If not the system will fail to
start or blinking or flickering. VCOM level determine Switch-on time (tON). In order to avoid malfunction that
recommend operating range between 1μs ~ 14μs.
LDO pin:
Provide 3.3V to MCU power supply.
ZCDX pin:
Auxiliary Winding input for LDO power supply.
GND pin:
GND is the reference node of internal circuit.
OUTPUT pin:
OUT pin has internal built-in a voltage clamp circuit. 12.5V is the maximum clamping voltage, when VCC is over
12.5V which OUT pin will be clamped under 12.5V. This function is avoided the output voltage too high and
damaged the MOSFET gate
VCC pin:
VCC pin has built-in three levels. Such as :
Start voltage level (VCC_ON), Cutoff voltage level (VCC_OFF), Over-voltage protection level (VOVP).
When VCC voltage over VCC_ON level, IC will work in the system. When VCC voltage over OVP level (31.5V Typ.), IC
will shut down and goes into “Hiccup” mode. The IC operating between UVLO
(ON) and UVLO(OFF), 8 times per cycle
until the OVP condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com