Electronic Components Datasheet Search
  English  ▼

X  

TS19820CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19820CS
Description  Single-Stage Power Factor Correction Dimmable LED Driver with 3.3V Voltage Regulator Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19820CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19820CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19820CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TS19820CS
Taiwan Semiconductor
1
Version: A1806
Single-Stage Power Factor Correction Dimmable LED Driver
with 3.3V Voltage Regulator Output
DESCRIPTION
The TS19820 is a single-stage active power factor
correction
(PFC)
switch-mode
power
supply
IC
supporting high PF over a wide AC input voltage
range.
Output
current
modulation
dimming
is
controlled from a dedicated pin capable of either PWM
or linear analog signal input. The TS19820 achieves
high
accuracy
line-
and
load-regulation
in
discontinuous conduction mode (DCM) architecture.
Output switching regulation is controlled with pulse
frequency modulation (PFM) which is particularly
suited for high conversion efficiency and high PF even
at low output power levels. The TS19820 also features
a 3.3V LDO output for MCU applications. Integrated
protection features such as an external switching
MOSFET gate drive voltage clamp, VCC over-voltage
protection,
and
system
output
open/short
circuit
protection increase system reliability.
FEATURES
●
Supports PWM & Linear dimming
●
Embedded 3.3V LDO output for MCU
●
Low cost BOM
●
High Power Factor >0.9
●
Pulse Frequency Modulation (PFM) Control
●
Discontinuous Conduction Mode Control
●
No Opto-Coupler Required
●
Gate output voltage clamp
●
LED open and short protection
●
Over Current Protection (OCP)
●
Internal Over Temperature Protection (OTP)
●
Low start-Up current
●
Compliant to RoHS Directive 2011/65/EU and in
accordance to WEEE 2002/96/EC.
●
Halogen-Free according to IEC 61249-2-21
APPLICATION
●
Smart LED lighting
●
Infrared remote control light
●
Motion sensing LED light
SOP-8
Pin Definition:
1. CS
8. VCC
2. DIM
7. OUT
3. COM
6. GND
4. LDO
5. ZCDX
Notes: MSL 3 (Moisture Sensitivity Level) per J-STD-020
TYPICAL APPLICATION CIRCUIT
AC Input
90V~264V
MOV
Fuse
OUT
COM
DIM
CS
GND
VCC
LDO
ZCDX
TS19820CS


Similar Part No. - TS19820CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19830CS TSC-TS19830CS Datasheet
220Kb / 8P
Integrated 500V MOSFET
More results

Similar Description - TS19820CS

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6909 PTC-PT6909 Datasheet
177Kb / 4P
Power Factor Correction LED Driver
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000 Datasheet
274Kb / 23P
Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30001 ONSEMI-NCL30001 Datasheet
280Kb / 31P
High-Efficiency Single Stage Power Factor Correction and Step-Down Offline LED Driver
March, 2010 ??Rev. 0
logo
Princeton Technology Co...
PT6909 PTC-PT6909_10 Datasheet
514Kb / 8P
Power Factor Correction LED Driver
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
Single-Stage PFC TRIAC Dimmable LED Driver
logo
Diodes Incorporated
AL1663 DIODES-AL1663 Datasheet
436Kb / 15P
SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 1
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000_12 Datasheet
274Kb / 22P
Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
logo
Dialog Semiconductor
IW3600 DIALOG-IW3600 Datasheet
317Kb / 5P
AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
logo
ON Semiconductor
NCL30486 ONSEMI-NCL30486 Datasheet
290Kb / 29P
Dimmable Power Factor Corrected LED Driver
August, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com