Electronic Components Datasheet Search
  English  ▼

X  

MSM514265CSL Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM514265CSL
Description  262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514265CSL Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM514265CSL Datasheet HTML 3Page - OKI electronic componets MSM514265CSL Datasheet HTML 4Page - OKI electronic componets MSM514265CSL Datasheet HTML 5Page - OKI electronic componets MSM514265CSL Datasheet HTML 6Page - OKI electronic componets MSM514265CSL Datasheet HTML 7Page - OKI electronic componets MSM514265CSL Datasheet HTML 8Page - OKI electronic componets MSM514265CSL Datasheet HTML 9Page - OKI electronic componets MSM514265CSL Datasheet HTML 10Page - OKI electronic componets MSM514265CSL Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
¡ Semiconductor
MSM514265C/CSL
AC Characteristics (2/2)
Write Command Pulse Width
Write Command to CAS Lead Time
Write Command to RAS Lead Time
Data-in Set-up Time
Data-in Hold Time from RAS
CAS to WE Delay Time
RAS to WE Delay Time
Column Address to WE Delay Time
RAS to CAS Hold Time (CAS before RAS)
CAS Active Delay Time from RAS Precharge
Data-in Hold Time
Write Command Hold Time
Write Command Hold Time from RAS
OE Command Hold Time
OE to Data-in Delay Time
Write Command Set-up Time
RAS to CAS Set-up Time (CAS before RAS)
CAS Precharge WE Delay Time
Read Command Set-up Time
Read Command Hold Time
Read Command Hold Time referenced to RAS
OE Precharge Time
WE Pulse Width (DQ Disable)
OE Command Hold Time
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3
tWP
tCWL
tRWL
tDS
tDHR
tCWD
tRWD
tAWD
tCSR
tCHR
tRPC
tDH
tWCH
tWCR
tWPE
tOED
tWCS
Parameter
Symbol
Unit Note
tRCS
tRCH
tRRH
tOEH
tOCH
tOEP
tCPWD
MSM514265
C/CSL-60
MSM514265
C/CSL-70
14
11, 12
10
10
10
12
13
12
11, 12
12
16
16
16
10, 12
10
12
9, 12
9
Min.
15
15
15
45
100
110
–40
0
0
0
0
RAS Pulse Width
(CAS before RAS Self-Refresh)
RAS Precharge Time
(CAS before RAS Self-Refresh)
CAS Hold Time
(CAS before RAS Self-Refresh)
tRASS
tRPS
tCHS
Max.
—
—
—
—
—
—
—
—
—
—
—
Max.
—
—
—
—
—
—
—
—
—
—
—
Min.
15
15
15
50
100
130
–50
0
0
0
0
ns
ns
ns
ns
ms
ns
ns
ns
ns
ns
ns
MSM514265
C/CSL-50
Min.
10
15
10
40
100
90
–30
0
0
0
0
Max.
—
15
—
—
20
ns
15
—
15
—
—
20
ns
15
—
0—
—
0ns
0—
50
—
—
55
ns
40
—
35
—
—
45
ns
35
—
80
—
—
95
ns
70
—
50
—
—
60
ns
45
—
10
—
—
10
ns
10
—
—
10
—
—
10
ns
10
—
10
—
—
15
ns
10
—
—
—
7—
—
7ns
5—
15
—
—
20
ns
15
—
—
—
—
—
15
—
—
20
ns
15
—
10
—
—
10
ns
7—
10
—
—
10
ns
7—
55
—
—
65
ns
50
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com