Electronic Components Datasheet Search
  English  ▼

X  

MSM514265CSL Datasheet(PDF) 16 Page - OKI electronic componets

Part # MSM514265CSL
Description  262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514265CSL Datasheet(HTML) 16 Page - OKI electronic componets

Back Button MSM514265CSL Datasheet HTML 9Page - OKI electronic componets MSM514265CSL Datasheet HTML 10Page - OKI electronic componets MSM514265CSL Datasheet HTML 11Page - OKI electronic componets MSM514265CSL Datasheet HTML 12Page - OKI electronic componets MSM514265CSL Datasheet HTML 13Page - OKI electronic componets MSM514265CSL Datasheet HTML 14Page - OKI electronic componets MSM514265CSL Datasheet HTML 15Page - OKI electronic componets MSM514265CSL Datasheet HTML 16Page - OKI electronic componets MSM514265CSL Datasheet HTML 17Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16/17
¡ Semiconductor
MSM514265C/CSL
(Unit : mm)
PACKAGE DIMENSIONS
Notes for Mounting the Surface Mount Type Package
The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which
are very susceptible to heat in reflow mounting and humidity absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the
product name, package name, pin number, package code and desired mounting conditions
(reflow method, temperature and times).
SOJ40-P-400-1.27
Package material
Lead frame material
Pin treatment
Solder plate thickness
Package weight (g)
Epoxy resin
42 alloy
Solder plating
5 mm or more
1.70 TYP.
Mirror finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com