Electronic Components Datasheet Search
  English  ▼

X  

MSM514265CSL Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM514265CSL
Description  262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514265CSL Datasheet(HTML) 1 Page - OKI electronic componets

  MSM514265CSL Datasheet HTML 1Page - OKI electronic componets MSM514265CSL Datasheet HTML 2Page - OKI electronic componets MSM514265CSL Datasheet HTML 3Page - OKI electronic componets MSM514265CSL Datasheet HTML 4Page - OKI electronic componets MSM514265CSL Datasheet HTML 5Page - OKI electronic componets MSM514265CSL Datasheet HTML 6Page - OKI electronic componets MSM514265CSL Datasheet HTML 7Page - OKI electronic componets MSM514265CSL Datasheet HTML 8Page - OKI electronic componets MSM514265CSL Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
¡ Semiconductor
MSM514265C/CSL
DESCRIPTION
The MSM514265C/CSL is a 262,144-word ¥ 16-bit dynamic RAM fabricated in Oki's silicon-gate
CMOS technology. The MSM514265C/CSL achieves high integration, high-speed operation, and
low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/
single-layer metal CMOS process. The MSM514265C/CSL is available in a 40-pin plastic SOJ or 44/
40-pin plastic TSOP. The MSM514265CSL (the self-refresh version) is specially designed for lower-
power applications.
FEATURES
• 262,144-word ¥ 16-bit configuration
• Single 5 V power supply,
±10% tolerance
• Input
: TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 512 cycles/8 ms, 512 cycles/128 ms (SL version)
• Fast page mode with EDO, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• CAS before RAS self-refresh capability (SL version)
• Package options:
40-pin 400 mil plastic SOJ
(SOJ40-P-400-1.27)
(Product : MSM514265C/CSL-xxJS)
44/40-pin 400 mil plastic TSOP (TSOPII44/40-P-400-0.80-K) (Product : MSM514265C/CSL-xxTS-K)
xx indicates speed rank.
PRODUCT FAMILY
¡ Semiconductor
MSM514265C/CSL
262,144-Word
¥ 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Family
tRAC
60 ns
70 ns
Operating (Max.)
825 mW
770 mW
Power Dissipation
Cycle Time
(Min.)
110 ns
130 ns
MSM514265C/CSL-60
MSM514265C/CSL-70
tAA
30 ns
35 ns
tCAC
15 ns
20 ns
Standby (Max.)
Access Time (Max.)
5.5 mW/
1.1 mW (SL version)
tOEA
15 ns
20 ns
50 ns
935 mW
90 ns
MSM514265C/CSL-50
25 ns
15 ns
15 ns
E2G0027-17-41
This version: Jan. 1998
Previous version: May 1997


Similar Part No. - MSM514265CSL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514265B OKI-MSM514265B Datasheet
1Mb / 16P
262,144-Word x 16-Bit DYNAMIC RAM : HYPER PAGE MODE TYPE
MSM514265BSL OKI-MSM514265BSL Datasheet
1Mb / 16P
262,144-Word x 16-Bit DYNAMIC RAM : HYPER PAGE MODE TYPE
MSM514265E OKI-MSM514265E Datasheet
146Kb / 15P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265E OKI-MSM514265E Datasheet
206Kb / 15P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265E-60JS OKI-MSM514265E-60JS Datasheet
206Kb / 15P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM514265CSL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514265E OKI-MSM514265E Datasheet
146Kb / 15P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416250 OKI-MSM5416250 Datasheet
1Mb / 19P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258A OKI-MSM5416258A Datasheet
334Kb / 22P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16258A OKI-MSM54V16258A Datasheet
1Mb / 20P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16258B OKI-MSM54V16258B Datasheet
959Kb / 20P
262,144-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM512805C OKI-MSM512805C Datasheet
260Kb / 16P
262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM514265ESL OKI-MSM514265ESL Datasheet
206Kb / 15P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com