Electronic Components Datasheet Search
  English  ▼

X  

MSM514262-70JS Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM514262-70JS
Description  262,144-Word x 4-Bit Multiport DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514262-70JS Datasheet(HTML) 2 Page - OKI electronic componets

  MSM514262-70JS Datasheet HTML 1Page - OKI electronic componets MSM514262-70JS Datasheet HTML 2Page - OKI electronic componets MSM514262-70JS Datasheet HTML 3Page - OKI electronic componets MSM514262-70JS Datasheet HTML 4Page - OKI electronic componets MSM514262-70JS Datasheet HTML 5Page - OKI electronic componets MSM514262-70JS Datasheet HTML 6Page - OKI electronic componets MSM514262-70JS Datasheet HTML 7Page - OKI electronic componets MSM514262-70JS Datasheet HTML 8Page - OKI electronic componets MSM514262-70JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
¡ Semiconductor
MSM514262
2/45
PIN CONFIGURATION (TOP VIEW)
VSS
SIO4
SIO3
SE
W4/IO4
W3/IO3
DSF
CAS
QSF
A0
A1
A2
A3
A7
DSF
W4/IO4
SIO3
VSS
SIO1
DT/OE
W2/IO2
NC
A8
A5
VCC
A3
A1
QSF
W3/IO3
SE
SIO4
SC
SIO2
W1/IO1
WB/WE
RAS
A6
A4
A7
A2
A0
CAS
SC
SIO1
SIO2
DT/OE
W1/IO1
W2/IO2
WB/WE
NC
RAS
A8
A6
A5
A4
VCC
28-Pin Plastic ZIP
1
3
5
7
9
11
13
15
17
19
21
23
25
27
2
4
6
8
10
12
14
16
18
20
22
24
26
28
3
4
5
9
10
11
12
13
26
25
24
20
19
18
17
16
2
27
1
28
28-Pin Plastic SOJ


623
821
722
14
15
Pin Name
A0 - A8
RAS
CAS
DT/OE
WB/WE
DSF
W1/IO1 - W4/IO4
SC
SE
SIO1 - SIO4
QSF
VCC
NC
Function
Address Input
Row Address Strobe
Column Address Strobe
Transfer/Output Enable
Mask/Write Enable
Special Function Input
RAM Inputs/Outputs
Serial Clock
SAM Port Enable
SAM Inputs/Ourputs
Special Function Output
Power Supply (5 V)
Ground (0 V)
No Connection
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com