Electronic Components Datasheet Search
  English  ▼

X  

MSM514262-70JS Datasheet(PDF) 33 Page - OKI electronic componets

Part # MSM514262-70JS
Description  262,144-Word x 4-Bit Multiport DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514262-70JS Datasheet(HTML) 33 Page - OKI electronic componets

Back Button MSM514262-70JS Datasheet HTML 29Page - OKI electronic componets MSM514262-70JS Datasheet HTML 30Page - OKI electronic componets MSM514262-70JS Datasheet HTML 31Page - OKI electronic componets MSM514262-70JS Datasheet HTML 32Page - OKI electronic componets MSM514262-70JS Datasheet HTML 33Page - OKI electronic componets MSM514262-70JS Datasheet HTML 34Page - OKI electronic componets MSM514262-70JS Datasheet HTML 35Page - OKI electronic componets MSM514262-70JS Datasheet HTML 36Page - OKI electronic componets MSM514262-70JS Datasheet HTML 37Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
¡ Semiconductor
MSM514262
33/45
PIN FUNCTION
Address Input : A0 - A8
The 18 address bits decode an 8-bit location out of the 262,144 locations in the MSM514262
memory array. The address bits are multiplexed to 9 address input pins (A0 - A8) as standard
DRAM. 9 row address bits are latched at the falling edge of RAS. The following 9 column
address bits are latched at the falling edge of CAS.
Row Address Strobe : RAS
RAS is a basic RAM control signal. The RAM port is in standby mode when the RAS level is
“high”. As the standard DRAM’s RAS signal function, RAS is control input that latches the row
address bits and a random access cycle begins at the falling edge of RAS.
In addition to the conventional RAS signal function, the level of the input signals, CAS, DT/OE,
WB/WE, DSF and SE at the falling edge of RAS, determines the MSM514262 operation modes.
Column Address Strobe : CAS
As the standard DRAM’s CAS signal function, CAS is the control input signal that latches the
column address input and the state of the special function input DSF to select, in conjunction
with the RAS control, either read/write operations or the special block write feature on the
RAM port when the DSF is held “low” at the falling edge of RAS.
CAS also acts as a RAM port output enable signal.
Data Transfer/Output Enable : DT/OE
DT/OE is also a control input signal having multiple functions. As the standard DRAM’s OE
signal function, DT/OE is used as an output enable control when DT/OE is “high” at the falling
edge of RAS.
In addition to the conventional OE signal function, a data transfer operation is started between
the RAM port and the SAM port when DT/OE is “low” at the falling edge of RAS.
Write-per-Bit/Write Enable : WB/WE
WB/WE is a control input signal having multiple functions. As the standard DRAM’s WE
signal function, it is used to write data into the memory on the RAM port when WB/WE is
“high” at the falling edge of RAS.
In addition to the conventional WE signal function, the WB/WE determines the write-per-bit
function when WB/WE is “low” at the falling edge of RAS, during RAM port operations. The
WB/WE also determines the direction of data transfer between the RAM and SAM.
When WB/WE is “high” at the falling edge of RAS, the data is transferred from RAM to SAM
(read transfer). When WB/WE is “low” at the falling edge of RAS, the data is transferred SAM
to RAM (write transfer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com