Electronic Components Datasheet Search
  English  ▼

X  

MSM514262-70JS Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM514262-70JS
Description  262,144-Word x 4-Bit Multiport DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514262-70JS Datasheet(HTML) 5 Page - OKI electronic componets

  MSM514262-70JS Datasheet HTML 1Page - OKI electronic componets MSM514262-70JS Datasheet HTML 2Page - OKI electronic componets MSM514262-70JS Datasheet HTML 3Page - OKI electronic componets MSM514262-70JS Datasheet HTML 4Page - OKI electronic componets MSM514262-70JS Datasheet HTML 5Page - OKI electronic componets MSM514262-70JS Datasheet HTML 6Page - OKI electronic componets MSM514262-70JS Datasheet HTML 7Page - OKI electronic componets MSM514262-70JS Datasheet HTML 8Page - OKI electronic componets MSM514262-70JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
¡ Semiconductor
MSM514262
5/45
DC Characteristics 2
-70
-80
-10
Unit Note
Symbol
Item (RAM)
SAM
Max. Max. Max.
85
75
65
mA
1, 2
ICC1
Operating Current
Standby
120
110
100
1, 2
(RAS, CAS Cycling, tRC = tRC min.)
Active
888
Standby Current
50
45
40
1, 2
(RAS, CAS = VIH)
85
75
65
1, 2
RAS Only Refresh Current
120
110
100
1, 2
(RAS Cycling, CAS = VIH, tRC = tRC min.)
70
65
60
1, 2
Page Mode Current
120
110
100
1, 2
(RAS = VIL, CAS Cycling, tPC = tPC min.)
85
75
65
1, 2
CAS before RAS Refresh Current
120
110
100
1, 2
(RAS Cycling, CAS before RAS, tRC = tRC min.)
85
75
65
1, 2
Data Transfer Current
120
110
100
1, 2
(RAS, CAS Cycling, tRC = tRC min.)
85
75
65
1, 2
Flash Write Current
120
110
100
1, 2
(RAS, CAS Cycling, tRC = tRC min.)
85
75
65
1, 2
Block Write Current
120
110
100
1, 2
(RAS, CAS Cycling, tRC = tRC min.)
ICC1A
ICC2
ICC2A
ICC3
ICC3A
ICC4
ICC4A
ICC5
ICC5A
ICC6
ICC6A
ICC7
ICC7A
ICC8
ICC8A
Standby
Active
Standby
Active
Standby
Active
Standby
Active
Standby
Active
Standby
Active
Standby
Active
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com