Electronic Components Datasheet Search
  English  ▼

X  

AP6503 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP6503
Description  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6503 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP6503 Datasheet HTML 2Page - Diodes Incorporated AP6503 Datasheet HTML 3Page - Diodes Incorporated AP6503 Datasheet HTML 4Page - Diodes Incorporated AP6503 Datasheet HTML 5Page - Diodes Incorporated AP6503 Datasheet HTML 6Page - Diodes Incorporated AP6503 Datasheet HTML 7Page - Diodes Incorporated AP6503 Datasheet HTML 8Page - Diodes Incorporated AP6503 Datasheet HTML 9Page - Diodes Incorporated AP6503 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AP6503
Document number: DS35077 Rev. 7 - 2
6 of 16
www.diodes.com
May 2017
© Diodes Incorporated
AP6503
Typical Performance Graphs (Cont.) (VIN = 12V, VOUT = 3.3V, TA = +25°C, unless otherwise noted.)
40
45
50
55
60
65
70
75
80
85
90
LOAD CURRENT (A)
Efficiency vs. Load Current
V
= 12V
IN
V
= 5V
IN
V
= 1.2V
L = 3.3µH
OUT
40
45
50
55
60
65
70
75
80
85
90
LOAD CURRENT (A)
Efficiency vs. Load Current
V
= 12V
IN
V
= 5V
IN
V
= 1.8V
L = 3.3µH
OUT
40
50
60
70
80
90
100
0.2
0.6
1
1.4
LOAD CURRENT (A)
Efficiency vs. Load Current
1.8
2.2
2.6
3
V
= 12V
V
= 5V
L = 10µH
IN
OUT
H
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com