Electronic Components Datasheet Search
  English  ▼

X  

AP6503 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP6503
Description  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6503 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP6503 Datasheet HTML 1Page - Diodes Incorporated AP6503 Datasheet HTML 2Page - Diodes Incorporated AP6503 Datasheet HTML 3Page - Diodes Incorporated AP6503 Datasheet HTML 4Page - Diodes Incorporated AP6503 Datasheet HTML 5Page - Diodes Incorporated AP6503 Datasheet HTML 6Page - Diodes Incorporated AP6503 Datasheet HTML 7Page - Diodes Incorporated AP6503 Datasheet HTML 8Page - Diodes Incorporated AP6503 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP6503
Document number: DS35077 Rev. 7 - 2
1 of 16
www.diodes.com
May 2017
© Diodes Incorporated
AP6503
340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
Description
The AP6503 is a 340kHz switching frequency external compensated
synchronous DC-DC buck converter. It has integrated low RDSON high
and low side MOSFETs.
The AP6503 enables continuous load current of up to 3A with
efficiency as high as 95%.
The AP6503 features current mode control operation, which enables
fast transient response times and easy loop stabilization.
The AP6503 simplifies board layout and reduces space requirements
with its high level of integration and minimal need for external
components, making it ideal for distributed power architectures.
The AP6503 is available in a standard Green SO-8EP package with
exposed PAD for improved thermal performance and is RoHS
compliant.
Features
VIN 4.7V to 23V
3A Continuous Output Current at 12Vin and 3.3Vout, 5.5A Peak
VOUT Adjustable to 0.925 to 20V
340kHz Switching Frequency
Programmable Soft-Start
Enable Pin
Protection
OCP
Thermal Shutdown
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
COMP
SW
GND
BST
EN
FB
SS
( Top View )
1
2
3
4
8
7
6
5
IN
SO-8EP
Applications
Gaming Consoles
Flat Screen TV Sets and Monitors
Set Top Boxes
Distributed Power Systems
Home Audio
Consumer Electronics
Network Systems
FPGA, DSP and ASIC Supplies
Green Electronics
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about
Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
AP6503
L1
10µH
R1
26.1k
Ω
R2
10k
Ω
C5
10nF
C2
47μF
C1
22μF
C4
0.1μF
ON
OFF
2
IN
8
SS
7
EN
6
COMP
3
SW
1
BST
5
FB
C3
6.8nF
R3
6.8k
Ω
4
GND
INPUT
OUTPUT
VOUT
3.3V
Figure 1 Typical Application Circuit
LOAD CURRENT (A)
Efficiency vs. Load Current
E
F
F
I
C
I
E
N
C
Y
(
%
)
0
1
2
3
V
= 12V
IN
V
= 5V
IN
V
= 3.3V
L = 10µH
OUT
40
50
60
70
80
90
100


Similar Part No. - AP6503

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6503 DIODES-AP6503 Datasheet
419Kb / 13P
340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 1
AP6503A DIODES-AP6503A Datasheet
576Kb / 15P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP6503ASP-13 DIODES-AP6503ASP-13 Datasheet
576Kb / 15P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP6503A DIODES-AP6503A_17 Datasheet
576Kb / 15P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP6503SP-13 DIODES-AP6503SP-13 Datasheet
419Kb / 13P
340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 1
More results

Similar Description - AP6503

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
2A SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3503 DIODES-AP3503 Datasheet
421Kb / 10P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3513E DIODES-AP3513E Datasheet
575Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 4
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
AP6502A DIODES-AP6502A Datasheet
432Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP6503A DIODES-AP6503A_17 Datasheet
576Kb / 15P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP65251 DIODES-AP65251 Datasheet
745Kb / 19P
ACOT SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 1
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
Synchronous Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM3406 HMSEMI-HM3406 Datasheet
285Kb / 13P
Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com