Electronic Components Datasheet Search
  English  ▼

X  

AP6503 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP6503
Description  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6503 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP6503 Datasheet HTML 6Page - Diodes Incorporated AP6503 Datasheet HTML 7Page - Diodes Incorporated AP6503 Datasheet HTML 8Page - Diodes Incorporated AP6503 Datasheet HTML 9Page - Diodes Incorporated AP6503 Datasheet HTML 10Page - Diodes Incorporated AP6503 Datasheet HTML 11Page - Diodes Incorporated AP6503 Datasheet HTML 12Page - Diodes Incorporated AP6503 Datasheet HTML 13Page - Diodes Incorporated AP6503 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AP6503
Document number: DS35077 Rev. 7 - 2
10 of 16
www.diodes.com
May 2017
© Diodes Incorporated
AP6503
Application Information (cont.)
Undervoltage Lockout (UVLO)
Undervoltage Lockout is implemented to prevent the IC from insufficient input voltages. The AP6503 has a UVLO comparator that monitors the
input voltage and the internal bandgap reference. If the input voltage falls below 4.0V, the AP6503 will disable. In this event, both HS and LS
MOSFETs are turned off.
Overvoltage Protection
When the AP6503 FB pin exceeds 20% of the nominal regulation voltage of 0.925V, the over voltage comparator is tripped and the COMP pin
and the SS pin are discharged to GND, forcing the high-side switch off.
Thermal Shutdown
The AP6503 has on-chip thermal protection that prevents damage to the IC when the die temperature exceeds safe margins. It implements a
thermal sensing to monitor the operating junction temperature of the IC. Once the die temperature rises to approximately +160°C, the thermal
protection feature gets activated. The internal thermal sense circuitry turns the IC off thus preventing the power switch from damage.
A hysteresis in the thermal sense circuit allows the device to cool down to approximately +120°C before the IC is enabled again through soft
start. This thermal hysteresis feature prevents undesirable oscillations of the thermal protection circuit.
Setting the Output Voltage
The output voltage can be adjusted from 0.925V to 20V using an external resistor divider. Table 1 shows a list of resistor selection for common
output voltages. Resistor R1 is selected based on a design tradeoff between efficiency and output voltage accuracy. For high values of R1 there
is less current consumption in the feedback network. However the trade off is output voltage accuracy due to the bias current in the error
amplifier. R1 can be determined by the following equation:


1
0.925
V
R
R
OUT
2
1
Vout
FB
R1
R2
Figure 6 Feedback Divider Network
When output voltage is low, network as shown in
Figure is recommended.
VOUT(V)
R1(KΩ)
R2(KΩ)
1.2
3
10
1.8
9.53
10
2.5
16.9
10
3.3
26.1
10
5
45.3
10
Table 1
– Resistor Selection for Common Output Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com