Electronic Components Datasheet Search
  English  ▼

X  

AP65355 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP65355
Description  650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65355 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP65355 Datasheet HTML 1Page - Diodes Incorporated AP65355 Datasheet HTML 2Page - Diodes Incorporated AP65355 Datasheet HTML 3Page - Diodes Incorporated AP65355 Datasheet HTML 4Page - Diodes Incorporated AP65355 Datasheet HTML 5Page - Diodes Incorporated AP65355 Datasheet HTML 6Page - Diodes Incorporated AP65355 Datasheet HTML 7Page - Diodes Incorporated AP65355 Datasheet HTML 8Page - Diodes Incorporated AP65355 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AP65355
Document number: DS37875 Rev. 2 - 2
5 of 15
www.diodes.com
May 2017
© Diodes Incorporated
AP65355
Electrical Characteristics (@TA = +25°C, VIN = 12V, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
SUPPLY VOLTAGE (VIN PIN)
VIN
Input Voltage
—
4.5
—
18
V
IQ
Quiescent Current
VFB = 0.85V
—
0.6
0.75
mA
ISHDN
Shutdown Supply Current
VEN = 0V
—
0.1
1
μA
UNDER VOLTAGE LOCKOUT
VUVLO
UVLO Threshold
VIN Rising Test VREG5 Voltage
3.6
3.85
4.1
V
VHYS
UVLO Hysteresis
VIN Falling Test VREG5 Voltage
0.16
0.35
0.47
V
ENABLE (EN PIN)
VENH
EN High-level Input Voltage
—
1.25
—
18
V
VENL
EN Low-level Input Voltage
—
—
—
0.85
V
VOLTAGE REFERENCE (FB PIN)
VFB
Feedback Voltage (Note 8)
VOUT = 1.05V, TA = -40°C to
+85°C, CCM
0.753
0.765
0.777
V
IFB
Feedback Bias Current
VFB = 0.8V
-0.1
0
0.1
μA
VREG5 OUTPUT
VVREG5 VREG5 Output
Voltage
VREG5 Output Voltage
6.0V<VIN<18V 0<IVREG5<5mA
4.8
5.1
5.4
V
—
Source Current Capability
VIN = 6V, VVREG5 = 4V
—
100
—
mA
—
Load Regulation
0<IVREG5<5mA
—
—
100
mV
—
Line Regulation
6.0V<VIN<18V IVREG5 = 5mA
—
—
20
mV
MOSFET
RDSONH
High-side Switch On-resistance
—
—
90
—
m
Ω
RDSONL
Low-side Switch On-resistance
—
—
57
—
m
Ω
CURRENT LIMIT
ILIM-H
Valley Current Limit (Note 8)
L =
1.5μH, TA = -40°C to +85°C
3.3
4.5
5.5
A
ON-TIME TIMER
tON
On Time
VIN = 12V, VOUT = 1.05V
—
150
—
ns
tOFF-MIN
Minimum Off Time
VFB = 0.7V
—
260
310
ns
THERMAL SHUTDOWN
TOTSD
Thermal Shutdown
—
—
150
—
°C
THYS
Thermal Shutdown Hysteresis
—
—
25
—
°C
SOFT START (SS PIN)
ISS-SOURCE
Soft-start Source Current
VSS=1.0V
4.2
6.0
7.8
μA
ISS-DISCHARGE
Soft-start Discharge Current
VSS=0.5V
0.1
0.2
—
mA
POWER GOOD
—
PG Threshold
VFB Rising
85
90
95
%
—
PG Threshold
VFB Falling
—
85
—
—
PG Sink Current
PG = 0.5V
—
5
—
mA
Note:
8. Compliance to the datasheet limits is assured by one or more methods: production test, characterization, and/or design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com