Electronic Components Datasheet Search
  English  ▼

X  

AP65355 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP65355
Description  650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65355 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP65355 Datasheet HTML 3Page - Diodes Incorporated AP65355 Datasheet HTML 4Page - Diodes Incorporated AP65355 Datasheet HTML 5Page - Diodes Incorporated AP65355 Datasheet HTML 6Page - Diodes Incorporated AP65355 Datasheet HTML 7Page - Diodes Incorporated AP65355 Datasheet HTML 8Page - Diodes Incorporated AP65355 Datasheet HTML 9Page - Diodes Incorporated AP65355 Datasheet HTML 10Page - Diodes Incorporated AP65355 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AP65355
Document number: DS37875 Rev. 2 - 2
7 of 15
www.diodes.com
May 2017
© Diodes Incorporated
AP65355
Typical Performance Characteristics (Cont.) (@TA = +25°C, VIN = 12V, VOUT = 1.05V, unless otherwise specified.)
VO=3.3V
VO=5V
VO=3.3V
VO=2.5V
VO=1.05V
VO=1.2V
VO=1.8V
VO=2.5V
VO=1.8V
VO=1.05V
VO=5V
VO=1.2V
VIN=4.5V
VIN=12V
VIN=18V
VIN=4.5V
VIN=12V
VIN=18V
VIN=4.5V
VIN=12V
VIN=18V
Lower Threshold
Upper Threshold
VOUT=3.3V
VOUT=1.05V
VIN=12V
VIN=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com