Electronic Components Datasheet Search
  English  ▼

X  

AP65403 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP65403
Description  LIGHT LOAD IMPROVED 4A, 750kHz SYNCH DC/DC BUCK CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65403 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP65403 Datasheet HTML 1Page - Diodes Incorporated AP65403 Datasheet HTML 2Page - Diodes Incorporated AP65403 Datasheet HTML 3Page - Diodes Incorporated AP65403 Datasheet HTML 4Page - Diodes Incorporated AP65403 Datasheet HTML 5Page - Diodes Incorporated AP65403 Datasheet HTML 6Page - Diodes Incorporated AP65403 Datasheet HTML 7Page - Diodes Incorporated AP65403 Datasheet HTML 8Page - Diodes Incorporated AP65403 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP65403
Document number: DS37126 Rev. 1 - 2
1 of 15
www.diodes.com
March 2014
© Diodes Incorporated
AP65403
LIGHT LOAD IMPROVED 4A, 750kHz SYNCH DC/DC BUCK CONVERTER
Description
The AP65403 is a 750kHz switching frequency external compensated
synchronous DC/DC buck converter. It has integrated low RDSON high
and low side MOSFETs.
The AP65403 enables continues load current of up to 4A with
efficiency as high as 96%.
The AP65403 implements an automatic custom light load efficiency
improvement algorithm.
The AP65403 features current mode control operation, which enables
fast transient response times and easy loop stabilization.
The
AP65403
simplifies
board
layout
and
reduces
space
requirements with its high level of integration and minimal need for
external
components,
making
it
ideal
for
distributed
power
architectures.
The AP65403 is available in a standard Green SO-8EP package and
is RoHS compliant.
Features
•
VIN 4.75V to 17V
•
4A Continuous Output Current, 7A Peak
•
Efficiency Up to 96%
•
Automated Light Load improvement
•
VOUT Adjustable to 2.5 to 12V
•
750kHz Switching Frequency
•
External Programmable Soft-Start
•
Enable Pin
•
OCP with Hiccup and Thermal Protection
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
•
Gaming Consoles
•
Flat Screen TV sets and Monitors
•
Set Top Boxes
•
Distributed power systems
•
Home Audio
•
Consumer electronics
•
Network Systems
•
FPGA, DSP and ASIC Supplies
•
Green Electronics
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
Figure 1 Typical Application Circuit


Similar Part No. - AP65403

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65400 DIODES-AP65400 Datasheet
716Kb / 15P
LIGHT LOAD IMPROVED 4A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65400SP-13 DIODES-AP65400SP-13 Datasheet
716Kb / 15P
LIGHT LOAD IMPROVED 4A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65402 DIODES-AP65402 Datasheet
641Kb / 15P
LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65402SP-13 DIODES-AP65402SP-13 Datasheet
641Kb / 15P
LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
Rev 1
More results

Similar Description - AP65403

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65101 DIODES-AP65101 Datasheet
1Mb / 14P
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Rev 2
AP65111A DIODES-AP65111A Datasheet
911Kb / 13P
LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65211A DIODES-AP65211A_17 Datasheet
921Kb / 13P
LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
Rev 1
AP65400 DIODES-AP65400 Datasheet
716Kb / 15P
LIGHT LOAD IMPROVED 4A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65402 DIODES-AP65402 Datasheet
641Kb / 15P
LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65500 DIODES-AP65500 Datasheet
776Kb / 15P
LIGHT LOAD IMPROVED 5A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65502 DIODES-AP65502 Datasheet
668Kb / 15P
LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65503 DIODES-AP65503 Datasheet
687Kb / 15P
LIGHT LOAD IMPROVED 5A, 750kHz SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65111 DIODES-AP65111 Datasheet
827Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
January 2018
AP65211 DIODES-AP65211 Datasheet
830Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com