Electronic Components Datasheet Search
  English  ▼

X  

UP1817PDDA Datasheet(PDF) 14 Page - uPI Group Inc.

Part # UP1817PDDA
Description  2-Channel SVID-Controlled Reference Generator in
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1817PDDA Datasheet(HTML) 14 Page - uPI Group Inc.

Back Button UP1817PDDA Datasheet HTML 10Page - uPI Group Inc. UP1817PDDA Datasheet HTML 11Page - uPI Group Inc. UP1817PDDA Datasheet HTML 12Page - uPI Group Inc. UP1817PDDA Datasheet HTML 13Page - uPI Group Inc. UP1817PDDA Datasheet HTML 14Page - uPI Group Inc. UP1817PDDA Datasheet HTML 15Page - uPI Group Inc. UP1817PDDA Datasheet HTML 16Page - uPI Group Inc. UP1817PDDA Datasheet HTML 17Page - uPI Group Inc. UP1817PDDA Datasheet HTML 18Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
uP1817
14
uP1817-DS-F0000, Mar. 2017
www.upi-semi.com
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
s
t
i
n
U
t
u
p
n
I
y
l
p
p
u
S
d
l
o
h
s
e
r
h
T
R
O
PV
R
O
P
C
C
0
.
42
.
45
.
4V
s
i
s
e
r
e
t
s
y
H
R
O
PV
S
Y
H
_
R
O
P
C
C
-
-2
.
0-
-V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
Q
_
C
C
V
e
r
a
1
F
E
R
V
d
n
a
0
F
E
R
V
,
h
g
i
H
c
i
g
o
L
=
N
E
t
i
u
c
r
i
c
n
e
p
o
-
-5
.
1-
-A
m
n
o
i
t
r
e
s
s
A
t
r
e
l
A
r
o
f
e
t
a
R
w
e
l
S
R
S
e
d
o
M
1
.
2
1
R
V
R
S
1
.
2
1
_
T
S
A
F
#
T
R
E
L
A
o
t
t
s
a
F
_
D
I
V
t
e
S
g
n
i
v
i
e
c
e
r
m
o
r
F
n
o
i
t
r
e
s
s
a
0
3-
--
-
s
u
/
V
m
R
S
1
.
2
1
_
W
O
L
S
#
T
R
E
L
A
o
t
w
o
l
S
_
D
I
V
t
e
S
g
n
i
v
i
e
c
e
r
m
o
r
F
n
o
i
t
r
e
s
s
a
0
3-
--
-
R
S
1
.
2
1
_
Y
A
C
E
D
#
T
R
E
L
A
o
t
y
a
c
e
D
_
D
I
V
t
e
S
g
n
i
v
i
e
c
e
r
m
o
r
F
.
n
o
i
t
r
e
s
s
a
0
3-
--
-
R
S
e
d
o
M
8
P
V
M
I
R
S
8
_
T
S
A
F
#
T
R
E
L
A
o
t
t
s
a
F
_
D
I
V
t
e
S
g
n
i
v
i
e
c
e
r
m
o
r
F
n
o
i
t
r
e
s
s
a
0
3-
--
-
s
u
/
V
m
R
S
8
_
W
O
L
S
#
T
R
E
L
A
o
t
w
o
l
S
_
D
I
V
t
e
S
g
n
i
v
i
e
c
e
r
m
o
r
F
h
2
0
=
h
A
2
g
e
R
n
i
e
u
l
a
v
t
l
u
a
f
e
D
.
n
o
i
t
r
e
s
s
a
0
3-
--
-
R
S
8
_
Y
A
C
E
D
#
T
R
E
L
A
o
t
y
a
c
e
D
_
D
I
V
t
e
S
g
n
i
v
i
e
c
e
r
m
o
r
F
.
n
o
i
t
r
e
s
s
a
0
3-
--
-
)
1
F
E
R
V
,
0
F
E
R
V
(
t
u
p
t
u
O
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
y
c
a
r
u
c
c
A
U
C
C
A
H
_
F
E
R
V
2
1
.
1
<
F
E
R
V0
1
--
-0
1V
m
U
C
C
A
L
_
F
E
R
F
E
R
V
>
V
2
1
.
11
--
-1
%
t
n
e
r
r
u
C
g
n
i
c
r
u
o
S
t
u
p
t
u
O
8
P
V
M
II
C
R
S
C
,
V
2
5
.
1
o
t
V
2
3
.
0
=
F
E
R
V
D
A
O
L
F
n
0
0
1
=3
4
-
-A
m
R
S
e
d
o
M
8
P
V
M
I8
_
R
S
_
F
E
R
V
)
w
o
l
s
d
n
a
t
s
a
f
(
p
u
D
I
V
t
e
S
C
,
V
2
5
.
1
o
t
V
2
3
.
0
=
F
E
R
V
D
A
O
L
F
n
0
0
1
=
0
3-
--
-
s
u
/
V
m
t
n
e
r
r
u
C
g
n
i
c
r
u
o
S
t
u
p
t
u
O
1
.
2
1
R
VI
C
R
S
C
,
V
2
5
.
1
o
t
V
2
3
.
0
=
F
E
R
V
D
A
O
L
F
n
0
0
1
=3
4
-
-A
m
R
S
e
d
o
M
1
.
2
1
R
V
1
.
2
1
_
R
S
_
F
E
R
V
)
w
o
l
s
d
n
a
t
s
a
f
(
p
u
D
I
V
t
e
S
C
,
V
2
5
.
1
o
t
V
2
3
.
0
=
F
E
R
V
D
A
O
L
F
n
0
0
1
=
0
3-
--
-
s
u
/
V
m
t
n
e
r
r
u
C
g
n
i
k
n
i
S
t
u
p
t
u
OI
K
N
S
C
,
V
2
5
.
1
o
t
V
2
3
.
0
=
F
E
R
V
D
A
O
L
F
n
0
0
1
=-
-0
2-
-A
u
n
o
i
t
a
l
u
g
e
R
d
a
o
L
∆V
C
R
S
_
F
E
R
,
V
2
5
.
1
,
V
2
1
.
1
=
F
E
R
V
A
m
2
<
F
E
R
I
<
A
0
t
n
e
r
r
u
c
e
c
r
u
o
S
0
1
--
-0
1V
m
∆V
K
N
S
_
F
E
R
,
V
2
5
.
1
,
V
2
1
.
1
=
F
E
R
V
A
u
0
2
<
F
E
R
I
<
A
0
t
n
e
r
r
u
c
k
n
i
S
0
1
--
-0
1V
m
n
o
i
t
a
l
u
g
e
R
e
n
i
L
∆V
C
C
V
_
F
E
R
V
5
.
5
/
V
5
.
4
=
C
C
V
,
d
a
o
l
o
n
=
F
E
R
V0
1
--
-0
1V
m
e
c
n
e
r
e
f
f
i
D
e
t
a
R
w
e
l
S
e
c
n
e
r
e
f
f
i
D
e
t
a
R
w
e
l
S
∆ R
S
t
r
e
l
A
-
e
t
a
r
w
e
l
s
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
R
e
t
a
r
w
e
l
s
n
o
i
t
r
e
s
s
a
1-
--
-
s
u
/
V
m
#
T
R
E
L
A
,
O
I
D
V
S
e
c
n
a
t
s
i
s
e
R
n
w
o
D
ll
u
PR
D
I
V
S
_
n
o
4-
-3
1
Ω
t
n
e
r
r
u
C
e
g
a
k
a
e
LI
D
I
V
S
_
L
0
0
1
--
-0
0
1A
u
Electrical Characteristics
(VCC = 5V, T
A = 25
oC, unless otherwise specified)
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com