Electronic Components Datasheet Search
  English  ▼

X  

UP1817PDDA Datasheet(PDF) 19 Page - uPI Group Inc.

Part # UP1817PDDA
Description  2-Channel SVID-Controlled Reference Generator in
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1817PDDA Datasheet(HTML) 19 Page - uPI Group Inc.

Back Button UP1817PDDA Datasheet HTML 13Page - uPI Group Inc. UP1817PDDA Datasheet HTML 14Page - uPI Group Inc. UP1817PDDA Datasheet HTML 15Page - uPI Group Inc. UP1817PDDA Datasheet HTML 16Page - uPI Group Inc. UP1817PDDA Datasheet HTML 17Page - uPI Group Inc. UP1817PDDA Datasheet HTML 18Page - uPI Group Inc. UP1817PDDA Datasheet HTML 19Page - uPI Group Inc. UP1817PDDA Datasheet HTML 20Page - uPI Group Inc. UP1817PDDA Datasheet HTML 21Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
uP1817
19
uP1817-DS-F0000, Mar. 2017
www.upi-semi.com
Application Information
uP1817 is a universal DAC generator with SVID digital
interface. Care should be taken in several aspects for correct
circuit operation.
Supply power input
The supply input voltage to VCC pin is 5V. Make sure to
add an RC filter with at least 0.1uF MLCC for noise
decoupling.
Function setting
For correct parameter setting (operation mode, Vboot), follow
Table 1 and Table 2 to select resistor value, and make sure
the resistor voltage divider for function setting is connected
to VCC pin. Avoid add any capacitor to MODE and EN/
VBOOT pin.
SVID bus routing
Follow the SVID bus trace routing guideline in the
corresponding platform design guide provided by Intel. Route
the ALERT# signal between the SVCLK and the SVDIO
signals. It is highly recommended to add a 0.1uF MLCC to
the Vccst (SVID bus pull-up voltage source) and place this
capacitor physically close to SVID pull-up resistors near
the uP1817 side. It is also recommended to add a 0.1uF
MLCC to the Vccst (SVID bus pull-up voltage source) and
place this capacitor physically close to CPU side.
VREF output
It is recommended to separately add 0.1uF to VREF0 pin
and VREF1 pin, and place them physically close to uP1817.
IMON reporting
It is recommended to add an MLCC to IMON pin and place
this capacitor physically close to IMON pin for noise
decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com