Electronic Components Datasheet Search
  English  ▼

X  

DWP5 Datasheet(PDF) 19 Page - IXYS Corporation

Part # DWP5
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWP5 Datasheet(HTML) 19 Page - IXYS Corporation

Back Button DWP5 Datasheet HTML 14Page - IXYS Corporation DWP5 Datasheet HTML 15Page - IXYS Corporation DWP5 Datasheet HTML 16Page - IXYS Corporation DWP5 Datasheet HTML 17Page - IXYS Corporation DWP5 Datasheet HTML 18Page - IXYS Corporation DWP5 Datasheet HTML 19Page - IXYS Corporation DWP5 Datasheet HTML 20Page - IXYS Corporation DWP5 Datasheet HTML 21Page - IXYS Corporation DWP5 Datasheet HTML 22Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
31
© 2004 IXYS All rights reserved
Schottky Diodes
Type
Si-
thickn.
AB
mm
mm
mm
DWS 5-60A
•
2857
2.40
2.40
0.25
DWS 15-60B
•
990
3.25
3.25
DWS 25-60B
•
757
4.45
4.45
DWS 35-60B
•
515
5.40
5.40
DWS 25-80B
•
515
4.45
4.45
DWS 36-80A
•
343
5.40
5.40
DWS 2-100A
•
1886
2.40
2.40
DWS 12-100A
•
990
3.25
3.25
DWS 22-100A
•
757
4.45
4.45
DWS 32-100A
•
•
515
5.40
5.40
DWS 1-150A
•
2857
2.40
2.40
DWS 11-150A
•
1515
3.25
3.25
DWS 21-150A
•
757
4.45
4.45
DWS 31-150A
•
515
5.40
5.40
DWS 1-180A
•
1886
2.40
2.40
DWS 30-200A
•
515
5.40
5.40
Tolerance
-0.1
-0.1
±5%
Wafer
Dimensions
per
Chips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com