Electronic Components Datasheet Search
  English  ▼

X  

DWP5 Datasheet(PDF) 7 Page - IXYS Corporation

Part # DWP5
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWP5 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button DWP5 Datasheet HTML 3Page - IXYS Corporation DWP5 Datasheet HTML 4Page - IXYS Corporation DWP5 Datasheet HTML 5Page - IXYS Corporation DWP5 Datasheet HTML 6Page - IXYS Corporation DWP5 Datasheet HTML 7Page - IXYS Corporation DWP5 Datasheet HTML 8Page - IXYS Corporation DWP5 Datasheet HTML 9Page - IXYS Corporation DWP5 Datasheet HTML 10Page - IXYS Corporation DWP5 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
19
© 2004 IXYS All rights reserved
DWN
DWP
Rectifier Diodes
Type
Si-
thickn.
AB
mm
mm
mm
DWN 5
•
1123
4.40
2.10
0.265
DWP 5
•
716
4.40
2.10
0.265
DWN 2
•
1204
2.95
2.95
0.265
DWN 9
•
•
684
3.90
3.90
0.265
DWN 17
•
518
4.45
4.45
0.265
DWP 17
•
•
518
4.45
4.45
0.265
DWN 21
•
•
346
5.40
5.40
0.265
DWP 21
•
•
346
5.40
5.40
0.265
DWN 35
•
259
6.20
6.20
0.265
DWP 35
•
259
6.20
6.20
0.265
DWN 50
•
•
198
7.10
7.10
0.265
DWP 50
•
198
7.10
7.10
0.265
DWN 75
•
125
8.70
8.70
0.265
DWP 75
•
125
8.70
8.70
0.265
DWN 110
•
58
12.30
12.30
0.265
DWP 110
•
•
58
12.30
12.30
0.265
DWN 340
•
32
16.20
16.20
0.265
DWN 108
•
•
58
12.30
12.30
0.315
DWN 347
•
16
25.30
18.50
0.315
Tolerance
-0.1
-0.1
±5%
Wafer
Dimensions
Chips
per



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com