Electronic Components Datasheet Search
  English  ▼

X  

DWP5 Datasheet(PDF) 1 Page - IXYS Corporation

Part # DWP5
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWP5 Datasheet(HTML) 1 Page - IXYS Corporation

  DWP5 Datasheet HTML 1Page - IXYS Corporation DWP5 Datasheet HTML 2Page - IXYS Corporation DWP5 Datasheet HTML 3Page - IXYS Corporation DWP5 Datasheet HTML 4Page - IXYS Corporation DWP5 Datasheet HTML 5Page - IXYS Corporation DWP5 Datasheet HTML 6Page - IXYS Corporation DWP5 Datasheet HTML 7Page - IXYS Corporation DWP5 Datasheet HTML 8Page - IXYS Corporation DWP5 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
IXYS reserves the right to change limits, test conditions and dimensions
Contents
Page
Symbols and Definitions
2
Nomenclature
2
General Information
3
Assembly Instructions
4
FRED, Rectifier Diode and Thyristor Chips in Planar Design
5
IGBT Chips
V
CES
I
C
G-Series, Low V
CE(sat) B2 Types
600 ...1200 V
7 ... 20 A
6
G-Series, Fast C2 Types
600 V
7 ... 20 A
6
S-Series, SCSOA Capability, Fast Types
600 V
10 ... 20 A
6
E-Series, Improved NPT³ technology
1200 ... 1700 V
20 ... 150 A
7
MOSFET Chips
V
DSS
R
DS(on)
HiPerFETTM Power MOSFET
70 ...1200 V
0.005 ... 4.5
Ω
8-10
PolarHTTM MOSFET, very Low R
DS(on)
55 ... 300 V
0.015 ... 0.135
Ω
11
P-Channel Power MOSFET
-100 ...-600 V
0.06 ... 1.2
Ω
12
N-Channel Depletion Mode MOSFET
500 ...1000 V
30 ... 110
Ω
12
Layouts
13-17
Bipolar Chips
V
RRM / VDRM
I
F(AV)M / IT(AV)M
Rectifier Diodes
1200 ... 1800 V
12 ... 416 A
18-19
FREDs
600 ... 1200 V
8 ... 244 A
20-21
Low Leakage FREDs
200 ... 1200 V
9 ... 148 A
22-23
SONIC-FRDTM Diodes
600 ... 1800 V
12 ... 150 A
24-25
GaAs Schottky Diodes
100 ... 600 V
3.5 ... 25 A
26-27
Schottky Diodes
8 ... 200 V
28 ... 145 A
28-31
Phase Control Thyristors
800 ... 2200 V
15 ... 540 A
32-33
Fast Rectifier Diodes
1600 ... 1800 V
10 ... 26 A
34
Direct Copper Bonded (DCB), Direct Alu Bonded (DAB) Ceramic Substrates
What is DCB/DAB?
35
DCB Specification
36
Chip-Shortform2004.pmd
26.10.2004, 12:44
1


Similar Part No. - DWP5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
DWP-125-1/8-KIT3-REFILL MACOM-DWP-125-1/8-KIT3-REFILL Datasheet
1Mb / 42P
RAYCHEM Tubing Products
logo
DOMINANT Semiconductors
DWP-SJS DOMINANT-DWP-SJS Datasheet
880Kb / 13P
Power LED
DWP-SJS DOMINANT-DWP-SJS Datasheet
1Mb / 13P
Power DomiLED
DWP-SJS-P1 DOMINANT-DWP-SJS-P1 Datasheet
880Kb / 13P
Power LED
More results

Similar Description - DWP5

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L363 IXYS-L363 Datasheet
315Kb / 2P
ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)
L566 IXYS-L566 Datasheet
54Kb / 2P
Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE60-06A IXYS-VBE60-06A Datasheet
41Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-06NO7 IXYS-VBE100-06NO7 Datasheet
53Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE75-12NO7 IXYS-VUE75-12NO7 Datasheet
186Kb / 2P
ECO-PAC Threee Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE35-06NO7 IXYS-VUE35-06NO7 Datasheet
186Kb / 2P
Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE17-06NO7 IXYS-VBE17-06NO7 Datasheet
189Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE20 IXYS-VBE20 Datasheet
61Kb / 1P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-12NO7 IXYS-VBE100-12NO7 Datasheet
55Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
Shenzhen Luguang Electr...
MUR80120P LUGUANG-MUR80120P Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes FRED Pt
Revision:20220701-P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com