Electronic Components Datasheet Search
  English  ▼

X  

PAM2312 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM2312
Description  1A STEP-DOWN DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2312 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM2312 Datasheet HTML 1Page - Diodes Incorporated PAM2312 Datasheet HTML 2Page - Diodes Incorporated PAM2312 Datasheet HTML 3Page - Diodes Incorporated PAM2312 Datasheet HTML 4Page - Diodes Incorporated PAM2312 Datasheet HTML 5Page - Diodes Incorporated PAM2312 Datasheet HTML 6Page - Diodes Incorporated PAM2312 Datasheet HTML 7Page - Diodes Incorporated PAM2312 Datasheet HTML 8Page - Diodes Incorporated PAM2312 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PAM2312
Document number: DS36389 Rev. 3 - 2
4 of 14
www.diodes.com
May 2018
© Diodes Incorporated
PAM2312
Electrical Characteristics (@TA = +25°C, VIN = 3.6V, VO = 1.8V, CIN = 10µF, COUT = 10µF, L = 4.7µH, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
-
2.5
-
5.5
V
VFB
Regulated Feedback Voltage
-
0.588
0.6
0.612
V
ΔVFB
Reference Voltage Line Regulation
-
-
0.3
-
%/V
VO
Regulated Output Voltage
Accuracy
IO = 100mA
-3
-
+3
%
IPK
Peak Inductor Current
VIN = 3V, VFB = 0.5V or VO = 90%
-
1.5
-
A
LNR
Output Voltage Line Regulation
VIN = 2.5V to 5v, IO = 10mA
-
0.2
0.5
%/V
LDR
Output Voltage Load Regulation
IO = 800mA
-
0.5
1.5
%
IQ
Quiescent Current
No Load
-
40
70
µA
ISD
Shutdown Current
VEN = 0V
-
-
1
µA
fOSC
Oscillator Frequency
VO = 100%
1.2
1.5
1.8
MHz
VFB = 0V or VO = 0V
-
500
-
kHz
RDS(ON)
Drain-Source On-State Resistance
IDS = 100mA
P MOSFET
-
0.3
0.45
Ω
N MOSFET
-
0.35
0.5
Ω
ILSW
SW Leakage Current
-
-
±0.01
1
µA
η
High Efficiency
-
-
96
-
%
VEH
EN Threshold High
-
1.5
-
-
V
VEL
EN Threshold Low
-
-
-
0.3
V
IEN
EN Leakage Current
-
-
±0.01
-
µA
OTP
Over Temperature Protection
-
-
+150
-
°C
OTH
OTP Hysteresis
-
-
+30
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com