Electronic Components Datasheet Search
  English  ▼

X  

PAM2312 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM2312
Description  1A STEP-DOWN DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2312 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM2312 Datasheet HTML 1Page - Diodes Incorporated PAM2312 Datasheet HTML 2Page - Diodes Incorporated PAM2312 Datasheet HTML 3Page - Diodes Incorporated PAM2312 Datasheet HTML 4Page - Diodes Incorporated PAM2312 Datasheet HTML 5Page - Diodes Incorporated PAM2312 Datasheet HTML 6Page - Diodes Incorporated PAM2312 Datasheet HTML 7Page - Diodes Incorporated PAM2312 Datasheet HTML 8Page - Diodes Incorporated PAM2312 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PAM2312
Document number: DS36389 Rev. 3 - 2
3 of 14
www.diodes.com
May 2018
© Diodes Incorporated
PAM2312
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Input Voltage
-0.3 to +6.0
V
EN, FB Pin Voltage
-0.3 to VIN
V
SW Pin Voltage
-0.3 to (VIN +0.3)
V
Junction Temperature
+150
°C
Storage Temperature Range
-65 to +150
°C
Soldering Temperature
+300, 5s
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage
2.5 to 5.5
V
Operation Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +125
Thermal Information
Symbol
Parameter
Package
Max
Unit
θJC
Thermal Resistance (Junction to Case)
TSOT25 (Note 4)
130
°C/W
θJA
Thermal Resistance (Junction to Ambient)
TSOT25
250
PD
Internal Power Dissipation
TSOT25
400
mW
Note:
4. The maximum output current for TSOT25 package is limited by internal power dissipation capacity as described in Application Information herein after.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com