Electronic Components Datasheet Search
  English  ▼

X  

PAM2312 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PAM2312
Description  1A STEP-DOWN DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2312 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PAM2312 Datasheet HTML 6Page - Diodes Incorporated PAM2312 Datasheet HTML 7Page - Diodes Incorporated PAM2312 Datasheet HTML 8Page - Diodes Incorporated PAM2312 Datasheet HTML 9Page - Diodes Incorporated PAM2312 Datasheet HTML 10Page - Diodes Incorporated PAM2312 Datasheet HTML 11Page - Diodes Incorporated PAM2312 Datasheet HTML 12Page - Diodes Incorporated PAM2312 Datasheet HTML 13Page - Diodes Incorporated PAM2312 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PAM2312
Document number: DS36389 Rev. 3 - 2
12 of 14
www.diodes.com
May 2018
© Diodes Incorporated
PAM2312
Application Information (Cont.)
PCB Layout Check List
When laying out the printed circuit board, the following checklist should be used to ensure proper operation of the PAM2312. These items are also
illustrated graphically in Figure 1. Check the following in your layout:
1. The power traces, consisting of the GND trace, the SW trace and the VIN trace should be kept short, direct and wide.
2. Does the VFB pin connect directly to the feedback resistors? The resistive divider R1/R2 must be connected between the (+) plate of COUT and
ground.
3. Does the (+) plate of CIN connect to VIN as closely as possible? This capacitor provides the AC current to the internal power MOSFETs.
4. Keep the switching node, SW, away from the sensitive VFB node.
5. Keep the (
–) plates of CIN and COUT as close as possible.
Ordering Information
PAM2312 X X X XXX
Pin Configuration
B: 5
Number of Pins
A: Type of 5 Pins
1. EN
2. GND
3. SW
4. VIN
5. VOUT/FB
A: TSOT25
Output Voltage
330: 3.3V
280: 2.8
250: 2.5V
180: 1.8V
150: 1.5V
120: 1.2V
ADJ: Adjustable
Package Type
Part Number
Output Voltage
(V)
Package
(Note 6)
Tape and Reel
Quantity
Status
(Note 5)
PAM2312AABADJ
ADJ
TSOT25
3000
In Production
Notes:
5. All variants with output voltage of 1.2V, 1.5V, 1.8V, 2.5V, 2.8V and 3.3V are End of Life (EOL) with no replacement.
6. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Top View
TSOT25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com