Electronic Components Datasheet Search
  English  ▼

X  

AD5233 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5233
Description  Nonvolatile Memory Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5233 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5233 Datasheet HTML 2Page - Analog Devices AD5233 Datasheet HTML 3Page - Analog Devices AD5233 Datasheet HTML 4Page - Analog Devices AD5233 Datasheet HTML 5Page - Analog Devices AD5233 Datasheet HTML 6Page - Analog Devices AD5233 Datasheet HTML 7Page - Analog Devices AD5233 Datasheet HTML 8Page - Analog Devices AD5233 Datasheet HTML 9Page - Analog Devices AD5233 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PRELIMINARY TECHNICAL DATA
Nonvolatile Memory Digital Potentiometers
AD5231/AD5232/AD5233
REV PrF
6
22 MAR '01
Information contained in this Preliminary data sheet describes a product in the early definition stage. There is no guarantee that the
information contained here will become a final product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa
Clara, CA. TEL(408)382-3107; FAX (408)382-2708; walt.heinzer@analog.com
AD5233 PIN CONFIGURATION
O1
CLK
SDI
SDO
GND
VSS
A1
W1
B1
A2
W2
B2
O2
RDY
CS
CS
CS
CS
PR
PR
PR
PR
WP
WP
WP
WP
VDD
A4
W4
B4
A3
W3
B3
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD5233 PIN FUNCTION DESCRIPTION
#
Name
Description
1
O1
Non-Volatile Digital Output #1, ADDR(O1) = 4H, data bit position D0.
2
CLK
Serial Input Register clock pin. Shifts in one bit at a time on positive clock CLK edges.
3
SDI
Serial Data Input Pin.
4
SDO
Serial Data Output Pin. Open Drain Output requires external pull-up resistor. Commands 9 & 10 activate the SDO output.
See Instruction operation Truth Table. Other commands shift out the previously loaded bit pattern delayed by 16 clock
pulses. This allows daisy-chain operation of multiple packages.
5
GND
Ground pin, logic ground reference
6
VSS
Negative Supply. Connect to zero volts for single supply applications.
7
A1
A terminal of RDAC1.
8
W1
Wiper terminal of RDAC1, ADDR(RDAC1) = 0H.
9
B1
B terminal of RDAC1.
10
A2
A terminal of RDAC2.
11
W2
Wiper terminal of RDAC2, ADDR(RDAC2) = 1H.
12
B2
B terminal of RDAC2.
13
B3
B terminal of RDAC3.
14
W3
Wiper terminal of RDAC3, ADDR(RDAC3) = 2H.
15
A3
A terminal of RDAC3.
16
B4
B terminal of RDAC4.
17
W4
Wiper terminal of RDAC4, ADDR(RDAC4) = 3H.
18
A4
A terminal of RDAC4.
19
VDD
Positive Power Supply Pin. Should be
≥ the input-logic HIGH voltage.
20
WP
Write Protect Pin. When active low,
WP prevents any changes to the present contents, except retrieving EEMEM content
and RESET.
21
PR
Hardware over ride preset pin. Refreshes the scratch pad register with current contents of the EEMEM register. Factory
default loads midscale 20H until EEMEM loaded with a new value by the user (
PR is activated at the logic high
transition).
22
CS
Serial Register chip select active low. Serial register operation takes place when
CS returns to logic high.
23
RDY
Ready. Active-high open drain output. Identifies completion of commands 2, 3, 8, 9, 10.
24
O2
Non-Volatile Digital Output #2, ADDR(O2) = 4H, data bit position D1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com