Electronic Components Datasheet Search
  English  ▼

X  

AD5233 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5233
Description  Nonvolatile Memory Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5233 Datasheet(HTML) 1 Page - Analog Devices

  AD5233 Datasheet HTML 1Page - Analog Devices AD5233 Datasheet HTML 2Page - Analog Devices AD5233 Datasheet HTML 3Page - Analog Devices AD5233 Datasheet HTML 4Page - Analog Devices AD5233 Datasheet HTML 5Page - Analog Devices AD5233 Datasheet HTML 6Page - Analog Devices AD5233 Datasheet HTML 7Page - Analog Devices AD5233 Datasheet HTML 8Page - Analog Devices AD5233 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRELIMINARY TECHNICAL DATA
a
Nonvolatile Memory
Digital Potentiometers
AD5231/AD5232/AD5233
REV PrF, 22 MAR '01
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use; nor for any infringements of patents
or other rights of third parties, which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106,
Norwood, MA 02062-9106 U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax:617/326-8703
© Analog Devices, Inc., 1999
FEATURES
Nonvolatile Memory Preset Maintains Wiper Settings
AD5231 Single, 1024 Position Resolution
AD5232 Dual, 256 Position Resolution
AD5233 Quad, 64 Position Resolution
10K, 50K, 100K Ohm Terminal Resistance
Linear or Log taper Settings
Increment/Decrement Commands, Push Button Command
SPI Compatible Serial Data Input with Readback Function
+3 to +5V Single Supply or ±2.5V Dual Supply Operation
User EEMEM nonvolatile memory for constant storage
APPLICATIONS
Mechanical Potentiometer Replacement
Instrumentation: Gain, Offset Adjustment
Programmable Voltage to Current Conversion
Programmable Filters, Delays, Time Constants
Line Impedance Matching
Power Supply Adjustment
DIP Switch Setting
GENERAL DESCRIPTION
The AD5231/AD5232/AD5233 family provides a single-
/dual-/quad-channel, digitally controlled variable resistor (VR)
with resolutions of 1024/256/64 positions respectively. These
devices perform the same electronic adjustment function as a
potentiometer or variable resistor. The AD523X’s versatile
programming via a Micro Controller allows multiple modes of
operation and adjustment.
In the direct program mode a predetermined setting of the
RDAC register can be loaded directly from the micro controller.
Another key mode of operation allows the RDAC register to be
refreshed with the setting previously stored in the EEMEM
register. When changes are made to the RDAC register to
establish a new wiper position, the value of the setting can be
saved into the EEMEM by executing an EEMEM save
operation. Once the settings are saved in the EEMEM register
these values will be transferred automatically to the RDAC
register to set the wiper position at system power ON. Such
operation is enabled by the internal preset strobe and the preset
can also be accessed externally.
The basic mode of adjustment is the increment and decrement
command controlling the present setting of the Wiper position
setting (RDAC) register. An internal scratch pad RDAC register
can be moved UP or DOWN, one step of the nominal terminal
resistance between terminals A-and-B. This linearly changes the
wiper to B terminal resistance (RWB) by one position segment of
the device's end-to-end resistance (RAB). For
exponential/logarithmic changes in wiper setting, a left/right
shift command adjusts levels in +/-6dB steps, which can be
useful for sound and light alarm applications.
The AD523X are available in the thin TSSOP package. All
parts are guaranteed to operate over the extended industrial
temperature range of -40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAMS
RDA C1
RDA C1
R E GIST ER
SER IA L
IN T E R F A C E
SD I
SD O
EEM E M 1
CS
CL K
SD I
SD O
V
DD
A
1
W
1
V
SS
WP
AD 523 1
AD D R
DE C O DE
B
1
DIG IT A L
OU T P U T
BU F F ER
DIG IT A L 2
R E GIST ER
EEM E M 2
O
1
O
2
2
RDY
GN D
EEM E M
CO NT RO L
PR
28 B Y T E S
U S E R EEM EM
RD A C 1
RD A C 1
RE G IS T E R
SE R IA L
IN T E R F A C E
SD I
SD O
E E ME M1
CS
CL K
SD I
SD O
V
DD
A
1
W
1
V
SS
WP
A D 5232
A DDR
DE CO DE
B
1
RD A C 2
RD A C 2
RE G IS T E R
E E ME M2
RD Y
GN D
EE M E M
CO NT RO L
A
2
W
2
B
2
PR
14 B Y T E S
US E R E E M E M
RD A C 1
RD A C 1
R E G IST ER
SE R IA L
IN T E R F A C E
SD I
SD O
E E ME M1
CS
CL K
SD I
SD O
V
DD
A
1
W
1
WP
A D 5233
A DDR
DE CO DE
B
1
RD A C 2
RD A C 2
R E G IST ER
E E ME M2
RD Y
GN D
EE M E M
CO NT RO L
A
2
W
2
B
2
RD A C 3
RD A C 3
R E G IST ER
E E ME M3
A
3
W
3
V
SS
B
3
RD A C 4
RD A C 4
R E G IST ER
E E ME M4
A
4
W
4
B
4
DIG IT A L
OU T P U T
BU F F E R
DIG IT A L 5
R E G IST ER
E E ME M5
2
O
1
O
2
PR
11 B Y T E S
US E R E E M E M


Similar Part No. - AD5233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5233 AD-AD5233 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD5233 AD-AD5233 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD5233 AD-AD5233 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results

Similar Description - AD5233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235 Datasheet
102Kb / 10P
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
06-Nov-2000
AD5253 AD-AD5253 Datasheet
834Kb / 28P
Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5231 AD-AD5231 Datasheet
562Kb / 24P
Nonvolatile Memory, 1024-Position Digital Potentiometers
REV.0
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5251 AD-AD5251 Datasheet
566Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
11/2017-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com