Electronic Components Datasheet Search
  English  ▼

X  

AD5233 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5233
Description  Nonvolatile Memory Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5233 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5233 Datasheet HTML 6Page - Analog Devices AD5233 Datasheet HTML 7Page - Analog Devices AD5233 Datasheet HTML 8Page - Analog Devices AD5233 Datasheet HTML 9Page - Analog Devices AD5233 Datasheet HTML 10Page - Analog Devices AD5233 Datasheet HTML 11Page - Analog Devices AD5233 Datasheet HTML 12Page - Analog Devices AD5233 Datasheet HTML 13Page - Analog Devices AD5233 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PRELIMINARY TECHNICAL DATA
Nonvolatile Memory Digital Potentiometers
AD5231/AD5232/AD5233
REV PrF
11
22 MAR '01
Information contained in this Preliminary data sheet describes a product in the early definition stage. There is no guarantee that the
information contained here will become a final product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa
Clara, CA. TEL(408)382-3107; FAX (408)382-2708; walt.heinzer@analog.com
Table 5. AD5233 Instruction/Operation Truth Table
Inst
No.
Instruction Byte 1
B15 •••••••••••••••• B8
Data Byte 0
B7 ••••••••••••••••• B0
Operation
C3 C2 C1 C0 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
No Operation (NOP): Do nothing
1
0
0
0
1
<< ADDR >>
X
X
X
X
X
X
X
X
Write contents of EEMEM(ADDR) to RDAC(ADDR)
Register
2
0
0
1
0
<< ADDR >>
X
X
X
X
X
X
X
X
SAVE WIPER SETTING: Write contents of
RDAC(ADDR) to EEMEM(ADDR)
3
0
0
1
1
<< ADDR >>
D7 D6 D5 D4 D3 D2 D1 D0
Write contents of Serial Register Data Byte 0 to
EEMEM(ADDR)
4
0
1
0
0
<< ADDR >>
X
X
X
X
X
X
X
X
Decrement 6dB: Right Shift contents of
RDAC(ADDR), stops at all "Zeros".
5
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
Decrement All 6dB: Right Shift contents of all
RDAC Registers, stops at all "Zeros".
6
0
1
1
0
<< ADDR >>
X
X
X
X
X
X
X
X
Decrement contents of RDAC(ADDR) by "One",
stops at all "Zeros".
7
0
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
Decrement contents of all RDAC Registers by
"One", stops at all "Zeros".
8
1
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
RESET: Load all RDACs with their corresponding
EEMEM previously-saved values
9
1
0
0
1
<< ADDR >>
X
X
X
X
X
X
X
X
Write contents of EEMEM(ADDR) to Serial Register
Data Byte 0
10
1
0
1
0
<< ADDR >>
X
X
X
X
X
X
X
X
Write contents of RDAC(ADDR) to Serial Register
Data Byte 0
11
1
0
1
1
<< ADDR >>
D7 D6 D5 D4 D3 D2 D1 D0
Write contents of Serial Register Data Byte 0 to
RDAC(ADDR)
12
1
1
0
0
<< ADDR >>
X
X
X
X
X
X
X
X
Increment 6dB: Left Shift contents of
RDAC(ADDR), stops at all "Ones".
13
1
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
Increment All 6dB: Left Shift contents of all RDAC
Registers, stops at all "Ones".
14
1
1
1
0
<< ADDR >>
X
X
X
X
X
X
X
X
Increment contents of RDAC(ADDR) by "One",
stops at all "Ones".
15
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
Increment contents of all RDAC Registers by
"One", stops at all "Ones".
NOTES:
1.
The SDO output shifts-out the last 8-bits of data clocked into the serial register for daisy chain operation. Exception:
following Instruction #9 or #10 the selected internal register data will be present in data byte 0. Instructions following #9
& #10 must be a full 16-bit data word to completely clock out the contents of the serial register. The wiper only has 64
positions that correspond to the lower 6-bits of register data.
2.
The RDAC register is a volatile scratch pad register that is refreshed at power ON from the corresponding non-volatile
EEMEM register.
3.
The increment, decrement and shift commands ignore the contents of the shift register Data Byte 0.
4.
Execution of the Operation column noted in the table takes place when the
CS strobe returns to logic high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com