Electronic Components Datasheet Search
  English  ▼

X  

DAC7551 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7551
Description  12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7551 Datasheet(HTML) 1 Page - Texas Instruments

  DAC7551 Datasheet HTML 1Page - Texas Instruments DAC7551 Datasheet HTML 2Page - Texas Instruments DAC7551 Datasheet HTML 3Page - Texas Instruments DAC7551 Datasheet HTML 4Page - Texas Instruments DAC7551 Datasheet HTML 5Page - Texas Instruments DAC7551 Datasheet HTML 6Page - Texas Instruments DAC7551 Datasheet HTML 7Page - Texas Instruments DAC7551 Datasheet HTML 8Page - Texas Instruments DAC7551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
_
+
Interface
Logic
Shift
Register
DAC
Register
String
DAC
Power-Down
Logic
Power-On
Reset
VDD
IOVDD
VREFH
VFB
VOUT
VREFL
GND
CLR
SDO
SDIN
SYNC
SCLK
DAC7551
SLAS441 – MARCH 2005
12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT
DIGITAL-TO-ANALOG CONVERTER
•
2.7-V to 5.5-V Single Supply
The DAC7551 is a single-channel, voltage-output
DAC with exceptional linearity and monotonicity. Its
•
12-Bit Linearity and Monotonicity
proprietary architecture minimizes glitch energy. The
•
Rail-to-Rail Voltage Output
low-power DAC7551 operates from a single 2.7-V to
•
Settling Time: 5 µs (Max)
5.5-V supply. The DAC7551 output amplifiers can
•
Ultralow Glitch Energy: 0.1 nVs
drive a 2-k
Ω, 200-pF load rail-to-rail with 5-µs settling
time; the output range is set using an external voltage
•
Low Power: 200 µA (Max)
reference.
•
Power Down: 2 µA (Max)
The 3-wire serial interface operates at clock rates up
•
Power-On Reset to Zero Scale
to 50 MHz and is compatible with SPI, QSPI,
•
SPI-Compatible Serial Interface: Up to 50 MHz
Microwire™, and DSP interface standards. The parts
•
Daisy-Chain Capability
incorporate a power-on-reset circuit to ensure that the
DAC outputs power up to zero volts and remain there
•
Asynchronous Hardware Clear
until a valid write cycle to the device takes place. The
•
Specified Temperature Range: –40°C to 105°C
parts contain a power-down feature that reduces the
•
Small, 2-mm x 3-mm, 12-Lead SON Package
current consumption of the device to under 2 µA.
The small size and low-power operation makes the
DAC7551 ideally suited for battery-operated portable
•
Portable Battery-Powered Instruments
applications. The power consumption is typically
•
Digital Gain and Offset Adjustment
0.5 mW at 5 V, 0.23 mW at 3 V, and reduces to 1 µW
in power-down mode.
•
Programmable Voltage and Current Sources
•
Programmable Attenuators
The DAC7551 is available in a 12-lead SON package
and is specified over –40°C to 105°C.
•
Industrial Process Control
FUNCTIONAL BLOCK DIAGRAM
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Microwire is a trademark of National Semiconductor Corp..
PRODUCT PREVIEW information concerns products in the forma-
Copyright © 2005, Texas Instruments Incorporated
tive or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the
right to change or discontinue these products without notice.


Similar Part No. - DAC7551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7551 TI2-DAC7551 Datasheet
789Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
REVISED APRIL 2007
DAC7551 TI2-DAC7551 Datasheet
812Kb / 27P
DAC7551-Q1 12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
REVISED MARCH 2015
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI2-DAC7551-Q1 Datasheet
812Kb / 27P
DAC7551-Q1 12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
REVISED MARCH 2015
DAC7551-Q1 TI2-DAC7551-Q1 Datasheet
789Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
REVISED APRIL 2007
More results

Similar Description - DAC7551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com