Electronic Components Datasheet Search
  English  ▼

X  

DAC7551 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7551
Description  12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7551 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7551 Datasheet HTML 6Page - Texas Instruments DAC7551 Datasheet HTML 7Page - Texas Instruments DAC7551 Datasheet HTML 8Page - Texas Instruments DAC7551 Datasheet HTML 9Page - Texas Instruments DAC7551 Datasheet HTML 10Page - Texas Instruments DAC7551 Datasheet HTML 11Page - Texas Instruments DAC7551 Datasheet HTML 12Page - Texas Instruments DAC7551 Datasheet HTML 13Page - Texas Instruments DAC7551 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
0
400
800
1200
1600
0
1
2
3
4
5
VLOGIC − Logic Input Voltage − V
TA = 255C,
SCLK Input (All Other Inputs = GND)
VDD = 5.5 V,
VREFH= 4.096 V,
VREFL=GND
VDD = 2.7 V,
VREFH= 2.5 V
VREFL= GND
0
500
1000
1500
2000
128
136
144
152
160 168
176
184
192
IDD − Current Consumption − mA
VDD = 5.5 V,
VREFH= 4.096 V,
VREFL=GND
0
500
1000
1500
2000
117
124
131
138
145
152
159
166
173
IDD − Current Consumption − mA
VDD = 2.7 V,
VREFH= 2.5 V,
VREFL= GND
Digital Input Code
VDD = 5 V,
VREFH= 4.096 V,
VREFL= GND,
TA = 255C
−4
−2
0
2
4
0
512
1024 1536 2048 2560 3072 3584 4095
DAC7551
SLAS441 – MARCH 2005
TYPICAL CHARACTERISTICS (continued)
SUPPLY CURRENT
HISTOGRAM OF CURRENT CONSUMPTION - 5.5 V
vs
LOGIC INPUT VOLTAGE
Figure 14.
Figure 15.
HISTOGRAM OF CURRENT CONSUMPTION - 2.7 V
TOTAL ERROR - 5 V
Figure 16.
Figure 17.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com