Electronic Components Datasheet Search
  English  ▼

X  

MSM5299 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM5299
Description  80-DOT LCD SEGMENT DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5299 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM5299 Datasheet HTML 2Page - OKI electronic componets MSM5299 Datasheet HTML 3Page - OKI electronic componets MSM5299 Datasheet HTML 4Page - OKI electronic componets MSM5299 Datasheet HTML 5Page - OKI electronic componets MSM5299 Datasheet HTML 6Page - OKI electronic componets MSM5299 Datasheet HTML 7Page - OKI electronic componets MSM5299 Datasheet HTML 8Page - OKI electronic componets MSM5299 Datasheet HTML 9Page - OKI electronic componets MSM5299 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MSM5299C
¡ Semiconductor
6/11
Switching Characteristics
tf
tW
tW
tW
tr
0.8VDD
0.8VDD
0.2VDD
0.2VDD
0.8VDD
0.8VDD
tDSU
tDHD
0.8VDD 0.8VDD
0.2VDD 0.2VDD
tLSU2
0.8VDD
0.8VDD
tLC
0.2VDD
0.2VDD
tr
tf
tW
CP
D0 - D3
LOAD
CP
LOAD
ER, EL (Output)
EL, ER (Input)
1
2
19
20
0.8VDD
0.2VDD
0.2VDD
tESU
tPHL
0.2VDD
tCL
tLSU1
Parameter
Condition
Min.
Typ.
Max.
Unit
(VDD = 5V ± 10%, Ta = –20 to +75°C, CL = 15pF)
Clock Frequency
Clock, Load Pulse Width
Clock Pulse Rise/Fall Time
Data Setup Time
Data Hold Time
Clock Æ Load Time
Load Setup Time
Load Setup Time
Load Æ Clock Time
Propagation Delay Time
ER, EL Setup Time
Symbol
fCP
tW
tr, tf
tDSU
tDHD
tCL
tLSU1
tLSU2
tLC
tPHL
tESU
DUTY=50%
—
—
3.4
MHz
—
100
—
—
ns
——
—
50
ns
—50
—
—
ns
—80
—
—
ns
—63
—
—
ns
—90
—
—
ns
—90
—
—
ns
—63
—
—
ns
——
—
224
ns
—70
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com