Electronic Components Datasheet Search
  English  ▼

X  

MSM5299 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM5299
Description  80-DOT LCD SEGMENT DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5299 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM5299 Datasheet HTML 3Page - OKI electronic componets MSM5299 Datasheet HTML 4Page - OKI electronic componets MSM5299 Datasheet HTML 5Page - OKI electronic componets MSM5299 Datasheet HTML 6Page - OKI electronic componets MSM5299 Datasheet HTML 7Page - OKI electronic componets MSM5299 Datasheet HTML 8Page - OKI electronic componets MSM5299 Datasheet HTML 9Page - OKI electronic componets MSM5299 Datasheet HTML 10Page - OKI electronic componets MSM5299 Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MSM5299C
¡ Semiconductor
8/11
•D0, D1, D2, D3
Display data input pins for 4¥20-bit shift register. The display data is clocked into these pins.
The combinations of D0 to D3, DF signal level, display data output level and the display on
the LCD panel are described in the table below.
D0 - D3
L
H
L
H
DF
L
L
H
H
Liquid crystal drive output
Non-select level (V3)
Select level (V1)
Non-select level (V4)
Select level (VEE)
Liquid crystal dispaly
OFF
ON
OFF
ON
• LOAD
The signal for latching the shift register contents is input to this pin. The display data stored
in the shift register is latched at the falling edge of the LOAD pulse.
•DF
Alternate signal input pin for LCD driving. Frame inversion signal is input to this pin.
•VDD, VSS
Supply voltage pins. VDD should be 4.5 to 5.5V. VSS is a ground pin (VSS = 0V).
•V1, V3, V4, VEE
Bias supply voltage pin to drive the LCD. Bias voltage to drive the LCD is supplied from an
external source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com