Electronic Components Datasheet Search
  English  ▼

X  

MSM5299 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM5299
Description  80-DOT LCD SEGMENT DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5299 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM5299 Datasheet HTML 1Page - OKI electronic componets MSM5299 Datasheet HTML 2Page - OKI electronic componets MSM5299 Datasheet HTML 3Page - OKI electronic componets MSM5299 Datasheet HTML 4Page - OKI electronic componets MSM5299 Datasheet HTML 5Page - OKI electronic componets MSM5299 Datasheet HTML 6Page - OKI electronic componets MSM5299 Datasheet HTML 7Page - OKI electronic componets MSM5299 Datasheet HTML 8Page - OKI electronic componets MSM5299 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MSM5299C
¡ Semiconductor
1/11
GENERAL DESCRIPTION
The MSM5299C is a dot matrix LCD segment driver LSI which is fabricated using CMOS low
power metal gate technology. This LSI consists of an 80-bit bidirectional shift register, 80-bit
latch, 80-bit level shifter, and 80-bit 4-level driver.
It receives the 4-bit parallel display data transferred from a microcomputer or an LCD controller
LSI such as MSM6255, then outputs the LCD driving waveform to the LCD.
This LSI is improved with respect to timing between load and clock in the switching character-
istics of MSM5299A. (tLC = 200ns Æ 63ns)
However, note that the timing regulations for the load signal leading edge are added.
FEATURES
• Logic supply voltage : 4.5 to 5.5V
• LCD driving voltage : 8 to 28V
• Applicable LCD duty : 1/64 to 1/256
• LCD Output
: 80
• 4-bit parallel data processing has improved the transfer speed to 1/4 that of the conventional
serial transfer, thereby achieving low power consumption
• Can be interfaced with the LCD controller LSI MSM6255
• Applicable common driver : MSM5298A (68 outputs)
• Package options :
100-pin plastic QFP (QFP100-P-1420-0.65-K)
(Product name : MSM5299CGS-K)
100-pin plastic QFP (QFP100-P-1420-0.65-BK) (Product name : MSM5299CGS-BK)
¡ Semiconductor
MSM5299C
80-DOT LCD SEGMENT DRIVER
E2B0021-27-Y2
This version: Nov. 1997
Previous version: Mar. 1996


Similar Part No. - MSM5299

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5299 OKI-MSM5299 Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299A OKI-MSM5299A Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299AGS-BK OKI-MSM5299AGS-BK Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299AGS-K OKI-MSM5299AGS-K Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
More results

Similar Description - MSM5299

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6415 NJRC-NJU6415 Datasheet
282Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
NJU6445 NJRC-NJU6445 Datasheet
331Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
NJU6446 NJRC-NJU6446 Datasheet
334Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299A OKI-MSM5299A Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
80-DOT LCD SEGMENT DRIVER
logo
Samsung semiconductor
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
logo
New Japan Radio
NJU6416FC1 NJRC-NJU6416FC1 Datasheet
289Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com