Electronic Components Datasheet Search
  English  ▼

X  

MP5403B Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP5403B
Description  Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403B Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP5403B Datasheet HTML 11Page - Monolithic Power Systems MP5403B Datasheet HTML 12Page - Monolithic Power Systems MP5403B Datasheet HTML 13Page - Monolithic Power Systems MP5403B Datasheet HTML 14Page - Monolithic Power Systems MP5403B Datasheet HTML 15Page - Monolithic Power Systems MP5403B Datasheet HTML 16Page - Monolithic Power Systems MP5403B Datasheet HTML 17Page - Monolithic Power Systems MP5403B Datasheet HTML 18Page - Monolithic Power Systems MP5403B Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
MP5403B
– DUAL BUCK AND ONE LOAD SWITCH PMIC
MP5403B Rev. 1.0
www.MonolithicPower.com
15
12/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
CDELAY
Programmable PFL low-to-high delay time. When CDELAY is floated, the delay time is
minimized.
2
PFL_ADJ
Power failure threshold adjust. A resistor divider connected to the voltage rails is
used to program the power failure threshold. The resistor divider must be monitored.
3
VIN1
Input supply voltage to the peak 5A switching regulators. Place a small decoupling
capacitor as close as possible to VIN1 and GND as possible.
4
AGND
Analog ground.
5
GND
Ground.
6
VIN2
Input supply voltage to the peak 4A switching regulators. Place a small decoupling
capacitor as close to VIN2 and GND as possible.
7
FB1
Feedback voltage sense for the peak 5A regulator. Connect the output voltage of
the peak 5A regulator through a resistor divider to FB1 to achieve voltage regulation.
Pull FB1 to ground to operate the peak 5A regulator in 100% duty cycle on mode.
8
FB2
Feedback voltage sense for the peak 4A regulator. Connect the output voltage of
the peak 4A regulator through a resistor divider to FB2 to achieve output voltage
regulation. Pull FB2 to ground to operate the peak 4A regulator in 100% duty cycle on
mode.
9
EN1
Enable on/off control for the peak 5A regulator.
There is a 2MΩ resistor from EN1
to GND internally. Float or ground EN1 to turn off the peak 5A regulator.
10
EN2
Enable on/off control for the peak 4A regulator.
There is a 2MΩ resistor from EN2
to GND internally. Float or ground EN2 to turn off the peak 4A regulator.
11
EN3
Enable on/off control for the load switch. There is a 2M
Ω resistor from EN3 to GND
internally. Float or ground EN3 to turn off the load switch.
12
SW2
Switch output for the peak 4A regulator. A thick, wide power routing trace is
recommended for SW2 to conduct current.
13
VSUS
Sustain voltage. Place a small decoupling capacitor as close to VSUS and GND as
possible.
14
SW1
Switch output for the peak 5A regulator. A thick and wide power routing trace is
recommended for SW1 to conduct current.
15
PG1
Power good for the peak 5A regulator. PG1 is an open-drain output. When the output
voltage is between -10% to +30% of the regulation windows, PG1 is pulled high
externally. When there is no supply, PG1 is pulled low internally.
16
PG2
Power good for peak 4A regulator. PG2 is an open-drain output. When the output
voltage is between -10% to +30% of the regulation windows, PG2 is pulled high
externally. When there is no supply, PG2 is pulled low internally.
17
PG3
Power good for the load switch. PG3 is an open-drain output. When the output
voltage is below 200mV compared with the input voltage, PG3 is pulled high externally.
18
VIN3
Input supply voltage for the load switch.
19
OUT3
Output voltage for the load switch.
20
PFL
Power failure indicator. PFL is an open-drain output. When the PFL_ADJ voltage is
less than 0.6V, PFL is pulled low immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com