Electronic Components Datasheet Search
  English  ▼

X  

MP5403B Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP5403B
Description  Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403B Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP5403B Datasheet HTML 14Page - Monolithic Power Systems MP5403B Datasheet HTML 15Page - Monolithic Power Systems MP5403B Datasheet HTML 16Page - Monolithic Power Systems MP5403B Datasheet HTML 17Page - Monolithic Power Systems MP5403B Datasheet HTML 18Page - Monolithic Power Systems MP5403B Datasheet HTML 19Page - Monolithic Power Systems MP5403B Datasheet HTML 20Page - Monolithic Power Systems MP5403B Datasheet HTML 21Page - Monolithic Power Systems MP5403B Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MP5403B
– DUAL BUCK AND ONE LOAD SWITCH PMIC
MP5403B Rev. 1.0
www.MonolithicPower.com
18
12/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 1: Output Discharge Conditions
Output Discharge
VIN
EN
No
>UVLO
High
Yes
>UVLO
Low
Yes
<UVLO
High
Yes
<UVLO
Low
Power Good (PG) Indicators
The MP5403B has three separate power good
(PG), open-drain, output indicators for the
regulators and load switch. For the two step-
down regulators, when FB is in the regulation
window (between 90% to 130% of the reference
voltage, 0.6V), PG1 and PG2 pins are pulled up
to the external bus voltage through certain
external resistors. The pull-up resistors are
recommend not to be too low to ensure that the
leakage current is small when the PG pins are
low and not too high if they are used to drive
downstream signals. Normally, pull-up resistors
between
10kΩ to 400kΩ are sufficient. The PG
rising delay is around 20µs. If the FB voltage
drops below 90% or rises above 130% of the
reference voltage, the PG pins are pulled down
to ground by an internal MOSFET. The MOSFET
has a maximum RDS(ON) of less than 400Ω. There
is also a 60µs delay for the PG falling threshold
trigger.
The power good pin for the load switch (PG3) is
pulled high when the input voltage of the load
switch (VIN3) is higher than its UVLO threshold,
the output voltage (VOUT3) is less than 200mV
compared with the input voltage of the load
switch, and there is around 40µs of rising delay
for the PG3 indicator. If any of these three
conditions are not met, PG3 is pulled low.
The PG indicators are pulled low when VIN1 is
below UVLO. In this condition, the PG pins are
self-driven low (around 0.6V).
Power Failure Indicator (PFL)
The power failure indicator (PFL) senses the
external voltage rails. When the input voltage is
below the programmed threshold, the PFL open-
drain output is pulled low immediately to indicate
the monitored power failure. PFL_ADJ is used to
adjust the power failure threshold voltage. A
resistor divider is used to monitor the voltage rail.
When the PFL_ADJ voltage is lower than 0.6V,
PFL is pulled down to indicate the sense power
failure. When the PFL_ADJ voltage is higher
than the 0.6V reference voltage, PFL is pulled
high with the delay, which is set by CDELAY.
Choose CDELAY using Equation (1):
s
μ
5
.
3
+
)
A
μ
(
I
62
.
0
×
)
pF
(
C
=
)
s
μ
(
T
DELAY
DELAY
DELAY
(1)
Where TDELAY is the PFL delay time, and IDELAY is
the CDELAY internal current source (typically
3.1µA).
Current Limit
The MP5403B has a high-side 6.2A current limit
for the first regulator and a 5A current limit for the
second regulator. When the high-side switch
reaches
the
current-limit
threshold,
the
regulators shut down the high-side switch and
force the low-side switch on until the low-side
current drops to the low-side valley current
threshold (peak 5A and peak 4A for the two
regulators). After the low-side current reaches
the valley current threshold, the high-side switch
can turn on again. If the high load current
persists, the high-side turns on again, and the
current-limit mechanism repeats until the output
voltage drops to the short-circuit threshold. If the
high-load current does not persist, then the
regulator resumes normal conditions.
For the load switch, the current limit begins
working when the load switch current reaches
the current-limit threshold. The gate is pulled low
to regulate the load switch current to the current
limit. The output voltage drops until thermal
shutdown occurs.
Short Circuit and Recovery
When CH1 or CH2 is in buck mode, the
MP5403B enters short-circuit protection (SCP)
mode when the inductor current reaches the
current limit for 300µs continuously or the output
voltage drops below 50% of the regulation
voltage. In SCP mode, the MP5403B disables
the output power stage, discharges the soft-start
capacitor, and enters latch-off protection mode.
The MP5403B restarts by recycling the power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com