Electronic Components Datasheet Search
  English  ▼

X  

MP5403B Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP5403B
Description  Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403B Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP5403B Datasheet HTML 13Page - Monolithic Power Systems MP5403B Datasheet HTML 14Page - Monolithic Power Systems MP5403B Datasheet HTML 15Page - Monolithic Power Systems MP5403B Datasheet HTML 16Page - Monolithic Power Systems MP5403B Datasheet HTML 17Page - Monolithic Power Systems MP5403B Datasheet HTML 18Page - Monolithic Power Systems MP5403B Datasheet HTML 19Page - Monolithic Power Systems MP5403B Datasheet HTML 20Page - Monolithic Power Systems MP5403B Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
MP5403B
– DUAL BUCK AND ONE LOAD SWITCH PMIC
MP5403B Rev. 1.0
www.MonolithicPower.com
17
12/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP5403B has two step-down regulators and
one load switch integrated into an ultra-small
UTQFN-20 package. The two buck regulators
are able to run up to a peak 5A and peak 4A load
current, respectively. With a peak-current-mode
control scheme and an interleaving PWM clock,
the MP5403B minimizes the input voltage ripple
and achieves a fast dynamic load response. A
3A load switch with only 20
mΩ of RDS(ON) can
achieve extremely small conduction loss and
provide tight regulation with a high load current.
The load switch can also clamp VOUT to 5.5V.
The MP5403B can be used in compact solid-
state drives (SSD), portable instruments, and
battery-powered devices.
Peak-Current-Mode Control
The two buck regulators of the MP5403B
operate at an 180° phase shift to reduce the
input current ripple and the required input
capacitor.
In
continuous
conduction
mode
(CCM), two internal clocks control the switching
behavior. The high-side MOSFET (HS-FET)
turns on at the corresponding
clock’s rising edge.
Two clocks are at an 180° phase shift. With the
high-side switch current increases and reaches
the internal compensation voltage, the high-side
switch is turned off, and the low-side switch is
turned on to conduct current.
Figure 2: Phase Shift
The switching frequency is 1.5MHz, typically,
running in CCM. With a lower input voltage, the
switching frequency falls and works with a large
duty cycle and a fixed off-time mode.
Light-Load Operation
In light-load mode, the MP5403B uses a
proprietary control scheme to save power and
improve efficiency. The MP5403B turns off the
low-side switch when the inductor current begins
reversing.
Then
MP5403B
works
in
discontinuous
conduction
mode
(DCM)
operation. With light-load mode control, the
switching loss can be reduced greatly due to the
lower switching frequency.
A zero-current cross detection (ZCD) circuit is
used to detect if the inductor current begins
reversing.
Considering
the
internal
circuit
propagation time, the typical delay is 50ns. This
means that the inductor current continues falling
after ZCD is triggered in this delay. If the inductor
current falling slew rate is fast (VOUT is high or
close to VIN), the low-side MOSFET (LS-FET) is
turned off, and the inductor current may be
negative. This prevents the MP5403B from
entering DCM operation. If DCM operation is
required, the off time of the LS-FET in CCM
should be longer than 100ns. For example, if VIN
is 3.6V and VOUT is 3.4V, then the off time in CCM
is 37ns. It is difficult to enter DCM at light load.
Using a smaller inductor can improve this and
make it easier to enter DCM.
Enable (EN)
When VIN1 is greater than the under-voltage
lockout (UVLO) threshold (typically 2.7V), the
regulators or the load switch can be enabled by
pulling its EN pins above the EN UVLO
threshold. Leave the EN pins floating or pull the
EN pins down to ground to disable the
corresponding channel. There is an internal 2M
Ω
resistor from the EN pins to ground. There is a
delay of about 100µs for VIN1 and VIN2 enable
start-up. The VIN3 enable start-up delay is
shorter (around 70µs).
Soft Start (SS) and Output Discharge
The MP5403B has a built-in soft start (SS) that
ramps up the output voltage at a controlled slew
rate to prevent overshooting at start-up for both
step-down regulators and the load switch. The
soft-start time is set to around 0.35ms. When the
regulators are disabled, the internal discharge
resistor discharges VOUT. The discharge resistor
is biased by VSUS (see Table 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com